Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SK-015A Datasheet (PDF) - Delta Electronics, Inc.

SK-015A Datasheet PDF - Delta Electronics, Inc.
Part # SK-015A
Download  SK-015A Download

File Size   652.1 Kbytes
Page   2 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description SCREW MOUNTING

SK-015A Datasheet (PDF)

Go To PDF Page Download Datasheet
SK-015A Datasheet PDF - Delta Electronics, Inc.

Part # SK-015A
Download  SK-015A Click to download

File Size   652.1 Kbytes
Page   2 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description SCREW MOUNTING

SK-015A Datasheet (HTML) - Delta Electronics, Inc.

SK-015A Datasheet HTML 1Page - Delta Electronics, Inc. SK-015A Datasheet HTML 2Page - Delta Electronics, Inc.


Similar Part No. - SK-015A

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
SK-015A ETC2-SK-015A Datasheet
652Kb / 2P
   SCREW MOUNTING
More results

Similar Description - SK-015A

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
SK-015A ETC2-SK-015A Datasheet
652Kb / 2P
   SCREW MOUNTING
Delta Electronics, Inc.
Delta Electronics, Inc.
10C2 DELTA-10C2 Datasheet
102Kb / 2P
   SCREW MOUNTING
10C3 DELTA-10C3 Datasheet
102Kb / 2P
   SCREW MOUNTING
Vishay Siliconix
Vishay Siliconix
VS-EBU15006HF4 VISHAY-VS-EBU15006HF4 Datasheet
143Kb / 7P
   Screw mounting only
Revision: 16-Jun-15
VS-100BGQ100HF4 VISHAY-VS-100BGQ100HF4 Datasheet
154Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 25-Nov-16
Semikron International
Semikron International
SK50GAL065DEC SEMIKRON-SK50GAL065DEC Datasheet
337Kb / 5P
   One Screw Mounting
Vishay Siliconix
Vishay Siliconix
VS-EBU15006-F4 VISHAY-VS-EBU15006-F4 Datasheet
143Kb / 7P
   FRED Pt® Ultrafast Soft Recovery Diode, 150 A
Revision: 16-Jun-15
VS-80EBU02HF4 VISHAY-VS-80EBU02HF4 Datasheet
158Kb / 7P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt®
Revision: 15-Mar-13
VS-150EBU02HF4 VISHAY-VS-150EBU02HF4 Datasheet
154Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt®
Revision: 16-Jun-15
VS-175BGQ030HF4 VISHAY-VS-175BGQ030HF4 Datasheet
144Kb / 6P
   High Performance Schottky Rectifier, 175 A
Revision: 16-Jun-15
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com