Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-GB100TH120U Datasheet (PDF) - Vishay Siliconix

VS-GB100TH120U Datasheet PDF - Vishay Siliconix
Part # VS-GB100TH120U
Download  VS-GB100TH120U Download

File Size   167.79 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Molding Type Module IGBT, 2 in 1 Package, 1200 V and 100 A

VS-GB100TH120U Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-GB100TH120U Datasheet PDF - Vishay Siliconix

Part # VS-GB100TH120U
Download  VS-GB100TH120U Click to download

File Size   167.79 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Molding Type Module IGBT, 2 in 1 Package, 1200 V and 100 A

VS-GB100TH120U Datasheet (HTML) - Vishay Siliconix

VS-GB100TH120U Datasheet HTML 1Page - Vishay Siliconix VS-GB100TH120U Datasheet HTML 2Page - Vishay Siliconix VS-GB100TH120U Datasheet HTML 3Page - Vishay Siliconix VS-GB100TH120U Datasheet HTML 4Page - Vishay Siliconix VS-GB100TH120U Datasheet HTML 5Page - Vishay Siliconix VS-GB100TH120U Datasheet HTML 6Page - Vishay Siliconix VS-GB100TH120U Datasheet HTML 7Page - Vishay Siliconix VS-GB100TH120U Datasheet HTML 8Page - Vishay Siliconix



Similar Part No. - VS-GB100TH120U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-GB100TH120N VISHAY-VS-GB100TH120N Datasheet
163Kb / 7P
   Molding Type Module IGBT, 2-in-1 Package, 1200 V and 100 A
Revision: 10-Jun-15
More results


Similar Description - VS-GB100TH120U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-GB100TH120N VISHAY-VS-GB100TH120N Datasheet
163Kb / 7P
   Molding Type Module IGBT, 2-in-1 Package, 1200 V and 100 A
Revision: 10-Jun-15
VS-GB100TP120N VISHAY-VS-GB100TP120N Datasheet
97Kb / 6P
   Molding Type Module IGBT, 2 in 1 Package, 1200 V, 100 A
Revision: 10-Jun-15
VS-GB100LP120N VISHAY-VS-GB100LP120N Datasheet
123Kb / 7P
   Molding Type Module IGBT, Chopper in 1 Package, 1200 V and 100 A
Revision: 10-Jun-15
VS-GB100NH120N VISHAY-VS-GB100NH120N Datasheet
164Kb / 7P
   Molding Type Module IGBT, Chopper in 1 Package, 1200 V and 100 A
Revision: 10-Jun-15
VS-GB150TH120U VISHAY-VS-GB150TH120U Datasheet
126Kb / 7P
   Molding Type Module IGBT, 2 in 1 Package, 1200 V and 150 A
Revision: 10-Jun-15
VS-GB200TH120N VISHAY-VS-GB200TH120N Datasheet
165Kb / 7P
   Molding Type Module IGBT, 2-in-1 Package, 1200 V and 200 A
Revision: 12-Jun-15
VS-GB150TH120N VISHAY-VS-GB150TH120N Datasheet
165Kb / 7P
   Molding Type Module IGBT, 2-in-1 Package, 1200 V and 150 A
Revision: 10-Jun-15
VS-GT400TH120N VISHAY-VS-GT400TH120N Datasheet
133Kb / 6P
   Molding Type Module IGBT, 2-in-1 Package, 1200 V and 400 A
Revision: 12-Jun-15
VS-GB200TH120U VISHAY-VS-GB200TH120U Datasheet
164Kb / 7P
   Molding Type Module IGBT, 2-in-1 Package, 1200 V and 200 A
Revision: 12-Jun-15
VS-GB75TP120U VISHAY-VS-GB75TP120U Datasheet
97Kb / 6P
   Molding Type Module IGBT, 2 in 1 Package, 1200 V, 75 A
Revision: 10-Jun-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com