Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPDL-1414 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HPDL-1414 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HPDL-1414
Download  HPDL-1414 Download

File Size   388.11 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Built-in input protection diodes

HPDL-1414 Datasheet (PDF)

Go To PDF Page Download Datasheet
HPDL-1414 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HPDL-1414
Download  HPDL-1414 Click to download

File Size   388.11 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Built-in input protection diodes

HPDL-1414 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HPDL-1414 Product details

Description
The HPDL-1414 is a smart, four character, sixteen segment, red GaAsP display. The HPDL-1414 has a character height of 2.85 mm (0.112"). The on-board CMOS IC contains memory, ASCII decoder, multiplexing circuitry and drivers. The monolithic LED characters are magnified by an immersion lens which increases both character size and luminous intensity. The encapsulated dual-in-line package provides a rugged, environmentally sealed unit.
The HPDL-1414 incorporates many improvements over competitive products. It has a wide operating temperature range, very fast IC access time, and improved ESD protection. The displays are also fully TTL compatible, wave solderable, and highly reliable. These displays are ideally suited for industrial and commercial applications where a good-looking, easy-to-use alphanumeric display is required.

Features
• Smart alphanumeric display
   Built-in RAM, ASCII decoder and LED drive circuitry
• Wide operating temperature range
   –40°C to +85°C
• Fast access time
   160 ns
• Excellent ESD protection
   Built-in input protection diodes
• CMOS IC for low power consumption
• Full TTL compatibility over operating temperature range
   VIL = 0.8 V
   VIH = 2.0 V
• Wave solderable
• Rugged package construction
• End-stackable
• Wide viewing angle

Typical Applications
• Portable data entry devices
• Medical equipment
• Process control equipment
• Test equipment
• Industrial instrumentation
• Computer peripherals
• Telecommunication instrumentation




Similar Part No. - HPDL-1414

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414 Datasheet
327Kb / 12P
   Four Character Smart Alphanumeric Displays
HPDL-1414 HP-HPDL-1414 Datasheet
193Kb / 8P
   Four Character Smart Alphanumeric Displays
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
   Four Character Smart Alphanumeric Displays
More results


Similar Description - HPDL-1414

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3228AB ISSI-IS31BL3228AB Datasheet
310Kb / 11P
   Built-in thermal protection
logo
Isahaya Electronics Cor...
VLA552-01R ISAHAYA-VLA552-01R Datasheet
229Kb / 9P
   Built-in short circuit protection
logo
Seiko Instruments Inc
S-1317A10-M5T1U4 SII-S-1317A10-M5T1U4 Datasheet
2Mb / 31P
   Built-in overcurrent protection circuit
logo
Sanken electric
DGG4015 SANKEN-DGG4015 Datasheet
277Kb / 5P
   Built-in gate protection diode
logo
NICHIA CORPORATION
NFCLL036B-M3 NICHIA-NFCLL036B-M3 Datasheet
414Kb / 17P
   Built-in ESD Protection Device
NC2W170B NICHIA-NC2W170B Datasheet
346Kb / 18P
   Built-in ESD Protection Device
NTCWS024B-M2 NICHIA-NTCWS024B-M2 Datasheet
493Kb / 17P
   Built-in ESD Protection Device
NVCWL024Z NICHIA-NVCWL024Z Datasheet
495Kb / 26P
   Built-in ESD Protection Device
NVELJ048Z-M2 NICHIA-NVELJ048Z-M2 Datasheet
403Kb / 17P
   Built-in ESD Protection Device
NF2W385AR NICHIA-NF2W385AR Datasheet
518Kb / 24P
   Built-in ESD Protection Device
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com