![]() |
Electronic Components Datasheet Search |
|
VC1812K601R040 Datasheet (PDF) - Kemet Corporation |
VC1812K601R040 Datasheet (HTML) - Kemet Corporation |
VC1812K601R040 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | VC1812K601R040 |
Download | VC1812K601R040 Click to view |
File Size | 53.15 Kbytes |
Page | 1 Pages |
Maker | KEMET [Kemet Corporation] |
Homepage | http://www.kemet.com |
Logo | |
Description | Varistors, VC, Low Voltage, 56 V, 40 VAC, 68 V, 110 V, 5 Amps, 600 Amps, 4.8 J, 15 mW |
Datasheet Page |
1 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |