![]() |
Electronic Components Datasheet Search |
|
VC1210K401R014 Datasheet (PDF) - Kemet Corporation |
VC1210K401R014 Datasheet (HTML) - Kemet Corporation |
VC1210K401R014 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | VC1210K401R014 |
Download | VC1210K401R014 Click to view |
File Size | 52.65 Kbytes |
Page | 1 Pages |
Maker | KEMET [Kemet Corporation] |
Homepage | http://www.kemet.com |
Logo | |
Description | Varistors, VC, Low Voltage, 18 V, 14 VAC, 22 V, 38 V, 3 Amps, 400 Amps, 1.6 J, 10 mW |
Datasheet Page |
1 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |