Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-0540Z Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HFBR-0540Z Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HFBR-0540Z
Download  HFBR-0540Z Download
File Size   118.07 Kbytes
Page   2 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Connect 5 V supply voltage to TXVCC and RXVCC

HFBR-0540Z Datasheet (PDF)

Go To PDF Page Download Datasheet
HFBR-0540Z Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-0540Z
Download  HFBR-0540Z Click to download

File Size   118.07 Kbytes
Page   2 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Connect 5 V supply voltage to TXVCC and RXVCC

HFBR-0540Z Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HFBR-0540Z Product details

Description
SERCOS
SERCOS, an acronym for SErial Realtime COmmunications System, is a standard digital interface for communication in industrial CNC applications. SERCOS is a European (EN 61491) and international standard (IEC 61491). The optical interface allows data rates of 2, 4, 8, and 16 MBd and data transfer between numerical controls and drives via fberoptic rings, with voltage isolation and noise immunity. The HFBR-1505AZ and HFBR-2505AZ products comply with SERCOS specifcations for optical characteristics and connector style, and have guaranteed performance up to 10 MBd. (Typically the 16 MBd required by SERCOS is possible as well but please contact Avago regarding the plan for the 16 MBd device.)

Features
• Meets industrial SERCOS, PROFIBUS, and INTERBUS-S standard
• SMA and ST® ports
• 650 nm wavelength technology
• Specifed for use with 1 mm plastic optical fber and 200 μm hard clad silica
• Auto-insertable and wave solderable
• DC – 10 MBd data rate
• RoHS-compliant

Applications
• Industrial control data links
• Factory automation data links
• Voltage isolation applications
• PLCs
• Motor drives
• Sensor, meter and actuator interfaces




Similar Part No. - HFBR-0540Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0541 AVAGO-HFBR-0541 Datasheet
176Kb / 8P
Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-0541Z AVAGO-HFBR-0541Z Datasheet
181Kb / 2P
HFBR-1506AMZ and HFBR-2506AMZ unit
HFBR-0542Z AVAGO-HFBR-0542Z Datasheet
179Kb / 2P
DC to 5MBd 850nm VCSEL Evaluation Kit
HFBR-0543Z AVAGO-HFBR-0543Z Datasheet
167Kb / 2P
HFBR-3810Z and HFBR-3810MSZ datasheet
More results


Similar Description - HFBR-0540Z

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2790B-MFP ATMEL-U2790B-MFP Datasheet
233Kb / 15P
Supply Voltage 5 V (Typically)
U2790B ATMEL-U2790B_02 Datasheet
233Kb / 15P
Supply Voltage 5 V (Typically)
logo
Vishay Siliconix
TLRH4450 VISHAY-TLRH4450 Datasheet
70Kb / 7P
Resistor LED for 5 V Supply Voltage
Rev. A1, 04-Feb-99
logo
Texas Instruments
TPS9125 TI-TPS9125 Datasheet
338Kb / 24P
5 V/3 V SIM SUPPLY AND LEVEL SHIFTERS
logo
Sanken electric
LC5830K SANKEN-LC5830K Datasheet
1Mb / 25P
Supply voltage 6 to 48 V
logo
Infineon Technologies A...
TLE4961-3K INFINEON-TLE4961-3K Datasheet
1Mb / 26P
3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4961-3L INFINEON-TLE4961-3L Datasheet
1Mb / 26P
3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-18
TLE4961-5K INFINEON-TLE4961-5K Datasheet
1Mb / 26P
3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4964-1K INFINEON-TLE4964-1K Datasheet
1Mb / 26P
3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4964-2K INFINEON-TLE4964-2K Datasheet
1Mb / 26P
3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com