Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD15N06-42L Datasheet (PDF) - Vishay Siliconix

SQD15N06-42L Datasheet PDF - Vishay Siliconix
Part # SQD15N06-42L
Download  SQD15N06-42L Download

File Size   234.35 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 150 V (D-S) 175 °C MOSFET

SQD15N06-42L Datasheet (PDF)

Go To PDF Page Download Datasheet
SQD15N06-42L Datasheet PDF - Vishay Siliconix

Part # SQD15N06-42L
Download  SQD15N06-42L Click to download

File Size   234.35 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 150 V (D-S) 175 °C MOSFET

SQD15N06-42L Datasheet (HTML) - Vishay Siliconix

Back Button SQD15N06-42L Datasheet HTML 1Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 2Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 3Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 4Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 5Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 6Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 7Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 8Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 9Page - Vishay Siliconix SQD15N06-42L Datasheet HTML 10Page - Vishay Siliconix Next Button 



Similar Part No. - SQD15N06-42L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD15N06-42L VISHAY-SQD15N06-42L Datasheet
160Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 24-Sep-12
SQD15N06-42L VISHAY-SQD15N06-42L Datasheet
165Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 20-May-13
SQD15N06-42L VISHAY-SQD15N06-42L Datasheet
179Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD15N06-42L VISHAY-SQD15N06-42L Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD15N06-42L VISHAY-SQD15N06-42L Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
More results


Similar Description - SQD15N06-42L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM85N15 VISHAY-SQM85N15 Datasheet
745Kb / 9P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. D, 17-Oct-1
SQ4080EY VISHAY-SQ4080EY Datasheet
191Kb / 6P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. A, 22-Aug-16
SQM40N15 VISHAY-SQM40N15_15 Datasheet
163Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. C, 17-Oct-11
SQM85N15 VISHAY-SQM85N15_15 Datasheet
163Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. D, 17-Oct-11
SQM25N15-52 VISHAY-SQM25N15-52_V01 Datasheet
204Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD25N15-52-GE3 VISHAY-SQD25N15-52-GE3 Datasheet
158Kb / 9P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. F, 20-Aug-12
SQJ872EP VISHAY-SQJ872EP_V02 Datasheet
296Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD25N15-52 VISHAY-SQD25N15-52_V02 Datasheet
216Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD25N15 VISHAY-SQD25N15_15 Datasheet
160Kb / 10P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. F, 20-Aug-12
SQP25N15-52 VISHAY-SQP25N15-52_15 Datasheet
152Kb / 9P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. A, 31-Aug-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com