Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5355VT Datasheet (PDF) - Asahi Kasei Microsystems

AK5355VT Datasheet PDF - Asahi Kasei Microsystems
Part # AK5355VT
Download  AK5355VT Download

File Size   167.52 Kbytes
Page   20 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Low Power 16bit ?誇 ADC

AK5355VT Datasheet (PDF)

Go To PDF Page Download Datasheet
AK5355VT Datasheet PDF - Asahi Kasei Microsystems

Part # AK5355VT
Download  AK5355VT Click to download

File Size   167.52 Kbytes
Page   20 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Low Power 16bit ?誇 ADC

AK5355VT Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK5355VT Datasheet HTML 1Page - Asahi Kasei Microsystems AK5355VT Datasheet HTML 2Page - Asahi Kasei Microsystems AK5355VT Datasheet HTML 3Page - Asahi Kasei Microsystems AK5355VT Datasheet HTML 4Page - Asahi Kasei Microsystems AK5355VT Datasheet HTML 5Page - Asahi Kasei Microsystems AK5355VT Datasheet HTML 6Page - Asahi Kasei Microsystems AK5355VT Datasheet HTML 7Page - Asahi Kasei Microsystems AK5355VT Datasheet HTML 8Page - Asahi Kasei Microsystems AK5355VT Datasheet HTML 9Page - Asahi Kasei Microsystems AK5355VT Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK5355VT Product details

FEATURES

The AK5355 is a low voltage 16bit A/D converter for digital audio systems. The AK5355 also includes an Input Gain Amplifier, making it suitable for microphone applications or low-input signal levels. The analog signal input of the AK5355 is single-ended, eliminating the need for external filters. The AK5355 is housed in a space-saving 16pin TSSOP or 20pin QFN package.



FEATURES

1. Resolution: 16bits

2. Recording Functions

   • Gain Amplifier (0dB / +15dB)

   •Digital HPF for DC-offset cancellation (fc=3.4Hz@fs=44.1kHz)

3. ADC Characteristics

   • Single-ended Input

   • Input Level: 1.8Vpp@VA=3.0V (= 0.6 x VA)

   • S/(N+D): 85dB

   • DR, S/N: 91dB

4. Master Clock:256fs/384fs/512fs

5. Audio Data Format: MSB First, 2’s compliment

   • 16bit MSB justified or I2S

8. Power Supply

   • VA, VD: 2.1 ∼3.6V (typ. 3.0V)

9. Power Supply Current: 5mA

10. Ta = -40 ∼ 85°C

11. Package: 16pin TSSOP

                  20pin QFN (4.2mm x 4.2mm, 0.5mm pitch)



Similar Part No. - AK5355VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5355VT AKM-AK5355VT Datasheet
120Kb / 14P
   LOW POWER 16BIT ADC
AK5355VT AKM-AK5355VT Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
More results


Similar Description - AK5355VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5355 AKM-AK5355_05 Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
AK5355 AKM-AK5355 Datasheet
120Kb / 14P
   LOW POWER 16BIT ADC
AK4554 AKM-AK4554 Datasheet
197Kb / 17P
   Low Power & Small Package 16bit ?誇 CODEC
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
logo
Analog Devices
EVAL-AD7798EB AD-EVAL-AD7798EB Datasheet
520Kb / 7P
   16-Bit Low Power 誇-? ADC (3 Channels)
Rev. Pr A
logo
Asahi Kasei Microsystem...
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK4563A AKM-AK4563A Datasheet
359Kb / 39P
   Low Power 16bit 4ch ADC & 2ch DAC with ALC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com