Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZD27C91P-M Datasheet (PDF) - Vishay Siliconix

BZD27C91P-M Datasheet PDF - Vishay Siliconix
Part # BZD27C91P-M
Download  BZD27C91P-M Download

File Size   109.57 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Zener Diodes with Surge Current Specification

BZD27C91P-M Datasheet (PDF)

Go To PDF Page Download Datasheet
BZD27C91P-M Datasheet PDF - Vishay Siliconix

Part # BZD27C91P-M
Download  BZD27C91P-M Click to download

File Size   109.57 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Zener Diodes with Surge Current Specification

BZD27C91P-M Datasheet (HTML) - Vishay Siliconix

BZD27C91P-M Datasheet HTML 1Page - Vishay Siliconix BZD27C91P-M Datasheet HTML 2Page - Vishay Siliconix BZD27C91P-M Datasheet HTML 3Page - Vishay Siliconix BZD27C91P-M Datasheet HTML 4Page - Vishay Siliconix BZD27C91P-M Datasheet HTML 5Page - Vishay Siliconix BZD27C91P-M Datasheet HTML 6Page - Vishay Siliconix BZD27C91P-M Datasheet HTML 7Page - Vishay Siliconix

BZD27C91P-M Product details

FEATURES
• Sillicon planar Zener diodes
• Low profile surface-mount package
• Zener and surge current specification
• Low leakage current
• Excellent stability
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• Meets JESD 201 class 2 whisker test
• ESD capability according to AEC-Q101:
   human body model: > 8 kV
   machine model: > 800 V
• Wave and reflow solderable
• AEC-Q101 qualified
• Base P/N-M3 - halogen-free, RoHS-compliant, and commercial grade
• Base P/N-HM3 - halogen-free, RoHS-compliant, and automotive grade (available on request)
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912




Similar Part No. - BZD27C91P-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZD27C91P-M VISHAY-BZD27C91P-M Datasheet
112Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 29-Nov-11
BZD27C91P-M VISHAY-BZD27C91P-M Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.3, 26-Feb-2021
More results


Similar Description - BZD27C91P-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com