Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WTD4A60S Datasheet (PDF) - Shenzhen Winsemi Microelectronics Co., Ltd

WTD4A60S Datasheet PDF - Shenzhen Winsemi Microelectronics Co., Ltd
Part # WTD4A60S
Download  WTD4A60S Download

File Size   445.74 Kbytes
Page   5 Pages
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd
Description Sensitive Gate Triac

WTD4A60S Datasheet (PDF)

Go To PDF Page Download Datasheet
WTD4A60S Datasheet PDF - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WTD4A60S
Download  WTD4A60S Click to download

File Size   445.74 Kbytes
Page   5 Pages
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd
Description Sensitive Gate Triac

WTD4A60S Datasheet (HTML) - Shenzhen Winsemi Microelectronics Co., Ltd

WTD4A60S Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WTD4A60S Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WTD4A60S Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WTD4A60S Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WTD4A60S Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd



Similar Part No. - WTD4A60S

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WTD40N03 WEITRON-WTD40N03 Datasheet
1Mb / 6P
   Surface Mount P-Channel Enhancement Mode POWER MOSFET
More results


Similar Description - WTD4A60S

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
TP4A60S APOLLOELECTRON-TP4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
New Jersey Semi-Conduct...
T2322B NJSEMI-T2322B Datasheet
103Kb / 2P
   Sensitive Gate Triac
logo
Apollo Electron Co., Lt...
TD4A60S APOLLOELECTRON-TD4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
Unisonic Technologies
BTA04 UTC-BTA04_15 Datasheet
189Kb / 5P
   SENSITIVE GATE TRIAC
logo
Apollo Electron Co., Lt...
TR4A60S APOLLOELECTRON-TR4A60S Datasheet
4Mb / 6P
   Sensitive Gate Triac
logo
Shenzhen Winsemi Microe...
STU4A60S WINSEMI-STU4A60S Datasheet
483Kb / 5P
   Sensitive Gate Triac
logo
NTE Electronics
NTE56045 NTE-NTE56045 Datasheet
21Kb / 2P
   TRIAC, 16A, Sensitive Gate
NTE56039 NTE-NTE56039 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
NTE56040 NTE-NTE56040 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
NTE5655 NTE-NTE5655 Datasheet
19Kb / 2P
   TRIAC - 800mA Sensitive Gate
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com