Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C981U222KWDBA7317 Datasheet (PDF) - Kemet Corporation

C981U222KWDBA7317 Datasheet PDF - Kemet Corporation
Part # C981U222KWDBA7317
Download  C981U222KWDBA7317 Download

File Size   1916.28 Kbytes
Page   15 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)

C981U222KWDBA7317 Datasheet (PDF)

Go To PDF Page Download Datasheet
C981U222KWDBA7317 Datasheet PDF - Kemet Corporation

Part # C981U222KWDBA7317
Download  C981U222KWDBA7317 Click to download

File Size   1916.28 Kbytes
Page   15 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)

C981U222KWDBA7317 Datasheet (HTML) - Kemet Corporation

Back Button C981U222KWDBA7317 Datasheet HTML 1Page - Kemet Corporation C981U222KWDBA7317 Datasheet HTML 2Page - Kemet Corporation C981U222KWDBA7317 Datasheet HTML 3Page - Kemet Corporation C981U222KWDBA7317 Datasheet HTML 4Page - Kemet Corporation C981U222KWDBA7317 Datasheet HTML 5Page - Kemet Corporation C981U222KWDBA7317 Datasheet HTML 6Page - Kemet Corporation C981U222KWDBA7317 Datasheet HTML 7Page - Kemet Corporation C981U222KWDBA7317 Datasheet HTML 8Page - Kemet Corporation C981U222KWDBA7317 Datasheet HTML 9Page - Kemet Corporation C981U222KWDBA7317 Datasheet HTML 10Page - Kemet Corporation Next Button 



Similar Part No. - C981U222KWDBA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C981U103MYVDAAWL45 KEMET-C981U103MYVDAAWL45 Datasheet
56Kb / 1P
   Ceramic, Safety, C900_Y, 0.01 uF, 20%, Y5V, Lead Spacing = 10mm
C981U103MYVDBA7317 KEMET-C981U103MYVDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_Y, 0.01 uF, 20%, Y5V, Lead Spacing = 10mm
C981U472JZSDAA7317 KEMET-C981U472JZSDAA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C981U472JZSDBA7317 KEMET-C981U472JZSDBA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
More results


Similar Description - C981U222KWDBA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
C931U101JVSDAA7317 KEMET-C931U101JVSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C971U472MZWDAA7317 KEMET-C971U472MZWDAA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
logo
Vishay Siliconix
WKP VISHAY-WKP Datasheet
85Kb / 4P
   Ceramic AC Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 08-Feb-10
VY1 VISHAY-VY1_V01 Datasheet
207Kb / 8P
   EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
01-Jan-2022
VY1222M47Y5UQ6UV0 VISHAY-VY1222M47Y5UQ6UV0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
VY1102M35Y5UG63V0 VISHAY-VY1102M35Y5UG63V0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
440L VISHAY-440L_V01 Datasheet
207Kb / 9P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
01-Jan-2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com