Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

739W-X2-50 Datasheet (PDF) - Qualtek Electronics Corporation

739W-X2-50 Datasheet PDF - Qualtek Electronics Corporation
Part # 739W-X2-50
Download  739W-X2-50 Download
File Size   424.22 Kbytes
Page   1 Pages
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation
Description SNAP-IN 20 AMP T-SLOT RECEPTACLE

739W-X2-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
739W-X2-50 Datasheet PDF - Qualtek Electronics Corporation

Part # 739W-X2-50
Download  739W-X2-50 Click to download

File Size   424.22 Kbytes
Page   1 Pages
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation
Description SNAP-IN 20 AMP T-SLOT RECEPTACLE

739W-X2-50 Datasheet (HTML) - Qualtek Electronics Corporation




Similar Part No. - 739W-X2-50

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
739W-X2-01 QUALTEK-739W-X2-01 Datasheet
341Kb / 1P
AC RECEPTACLE
739W-X2-02 QUALTEK-739W-X2-02 Datasheet
342Kb / 1P
AC RECEPTACLE
739W-X2-03 QUALTEK-739W-X2-03 Datasheet
392Kb / 1P
AC RECEPTACLE
739W-X2-04 QUALTEK-739W-X2-04 Datasheet
439Kb / 1P
AC RECEPTACLE
739W-X2-20 QUALTEK-739W-X2-20 Datasheet
353Kb / 1P
SNAP-IN 20 AMP T-SLOT RECEPTACLE
More results


Similar Description - 739W-X2-50

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
739W-X2-20 QUALTEK-739W-X2-20 Datasheet
353Kb / 1P
SNAP-IN 20 AMP T-SLOT RECEPTACLE
739W-X2-30 QUALTEK-739W-X2-30 Datasheet
226Kb / 1P
SNAP-IN 20 AMP T-SLOT RECEPTACLE
logo
Winchester Electronics ...
221-010-00405G WINCHESTER-221-010-00405G Datasheet
40Kb / 1P
POWER PC RECEPTACLE 20 AMP
logo
Tyco Electronics
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
3-747579-4 MACOM-3-747579-4 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
1658641-3 MACOM-1658641-3 Datasheet
2Mb / 66P
HDP-20 Crimp Snap-In Contact Connectors
logo
Winchester Electronics ...
01431 WINCHESTER-01431 Datasheet
71Kb / 1P
POWER SNAP, RIGHT ANGLE SOLDER MOUNT 20 AWG 8 AMP
SD01431G WINCHESTER-SD01431G Datasheet
72Kb / 1P
POWER SNAP, RIGHT ANGLE SOLDER MOUNT 20 AWG 8 AMP
logo
List of Unclassifed Man...
123-4016-GR ETC2-123-4016-GR Datasheet
83Kb / 2P
Safety Battery Snap T
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com