Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SP74L8X Datasheet (PDF) - Fairchild Semiconductor

NC7SP74L8X Datasheet PDF - Fairchild Semiconductor
Part # NC7SP74L8X
Download  NC7SP74L8X Download

File Size   146.87 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic ULP D-Type Flip-Flop with Preset and Clear

NC7SP74L8X Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7SP74L8X Datasheet PDF - Fairchild Semiconductor

Part # NC7SP74L8X
Download  NC7SP74L8X Click to download

File Size   146.87 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic ULP D-Type Flip-Flop with Preset and Clear

NC7SP74L8X Datasheet (HTML) - Fairchild Semiconductor

Back Button NC7SP74L8X Datasheet HTML 1Page - Fairchild Semiconductor NC7SP74L8X Datasheet HTML 2Page - Fairchild Semiconductor NC7SP74L8X Datasheet HTML 3Page - Fairchild Semiconductor NC7SP74L8X Datasheet HTML 4Page - Fairchild Semiconductor NC7SP74L8X Datasheet HTML 5Page - Fairchild Semiconductor NC7SP74L8X Datasheet HTML 6Page - Fairchild Semiconductor NC7SP74L8X Datasheet HTML 7Page - Fairchild Semiconductor NC7SP74L8X Datasheet HTML 8Page - Fairchild Semiconductor NC7SP74L8X Datasheet HTML 9Page - Fairchild Semiconductor NC7SP74L8X Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

NC7SP74L8X Product details

General Description
The NC7SP74 is a single D-type CMOS Flip-Flop with preset and clear from Fairchild’s Ultra Low Power (ULP) Series of TinyLogic®. Ideal for applications where battery life is critical, this product is designed for ultra low power consumption within the VCC operating range of 0.9V to 3.6V.

Features
■ Space saving US8 surface mount package
■ MicroPak™ Pb-Free leadless package
■ 0.9V to 3.6V VCC supply operation
■ 3.6V overvoltage tolerant I/Os at VCC from 0.9V to 3.6V
■ tPD
    3.0 ns typ for 3.0V to 3.6V VCC
    4.0 ns typ for 2.3V to 2.7V VCC
    5.0 ns typ for 1.65V to 1.95V VCC
    6.0 ns typ for 1.40V to 1.60V VCC
    9.0 ns typ for 1.10V to 1.30V VCC
    24.0 ns typ for 0.90V VCC
■ Power-Off high impedance inputs and outputs
■ Static Drive (IOH/IOL)
    ±2.6 mA @ 3.00V VCC
    ±2.1 mA @ 2.30V VCC
    ±1.5 mA @ 1.65V VCC
    ±1.0 mA @ 1.40V VCC
    ±0.5 mA @ 1.10V VCC
    ±20 µA @ 0.9V VCC
■ Uses patented Quiet Series™ noise/EMI reduction circuitry
■ Ultra low dynamic power




Similar Part No. - NC7SP74L8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP74L8X FAIRCHILD-NC7SP74L8X Datasheet
235Kb / 12P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
NC7SP74L8X ONSEMI-NC7SP74L8X Datasheet
334Kb / 14P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
Revised January 2005
More results


Similar Description - NC7SP74L8X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SP74 ONSEMI-NC7SP74 Datasheet
334Kb / 14P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
Revised January 2005
logo
Fairchild Semiconductor
NC7SP74 FAIRCHILD-NC7SP74_05 Datasheet
235Kb / 12P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
NC7SV74 FAIRCHILD-NC7SV74_05 Datasheet
250Kb / 10P
   TinyLogic ULP-A D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
NC7SZ74 ONSEMI-NC7SZ74 Datasheet
1Mb / 11P
   TinyLogic UHS D-Type, Flip-Flop with Preset and Clear
September 2018 Rev. 2
logo
Fairchild Semiconductor
NC7SZ74 FAIRCHILD-NC7SZ74 Datasheet
211Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with Preset and Clear
logo
Toshiba Semiconductor
TC7WZ74FUTE12LF TOSHIBA-TC7WZ74FUTE12LF Datasheet
189Kb / 7P
   D-Type Flip Flop with Preset and Clear
TC7W74FK TOSHIBA-TC7W74FK_09 Datasheet
220Kb / 9P
   D-Type Flip Flop with Preset and Clear
TC7W74F TOSHIBA-TC7W74F_01 Datasheet
277Kb / 9P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC7WZ74FK TOSHIBA-TC7WZ74FK Datasheet
117Kb / 7P
   D-Type Flip Flop with Preset and Clear
TC7W74F TOSHIBA-TC7W74F Datasheet
245Kb / 8P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com