![]() |
Electronic Components Datasheet Search |
|
MC33886DH/R2 Datasheet (PDF) - Motorola, Inc |
MC33886DH/R2 Datasheet (HTML) - Motorola, Inc |
MC33886DH/R2 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | MC33886DH/R2 |
Download | MC33886DH/R2 Click to view |
File Size | 637.39 Kbytes |
Page | 20 Pages |
Maker | MOTOROLA [Motorola, Inc] |
Homepage | http://www.freescale.com |
Logo | |
Description | 5.0 A H BRIDGE |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
MTP3N120E | TMOS POWER FET 3.0 AMPERES 1200 VOLTS RDS on = 5.0 OHM | 1 2 3 4 5 More | Motorola, Inc |
LN248WAL | 5.0 mm × 2.0 mm Series | 1 | Panasonic Semiconductor |
1SMC5348 | SURFACE MOUNT SILICON ZENER DIODE VOLTAGE - 11 TO 200 Volts Power - 5.0 Watts | 1 2 3 4 5 | Pan Jit International Inc. |
ZLDO500 | 5.0 VOLT ULTRA LOW DROPOUT REGULATOR | 1 2 3 4 5 More | Zetex Semiconductors |
T7630 | T7630 Dual T1/E1 5.0 V Short-Haul Terminator Terminator-II | 1 2 3 4 5 More | Agere Systems |
AM29F400B-1 | 4 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 5.0 Volt-only Boot Sector Flash Memory-Die Revision 1 | 1 2 3 4 5 More | Advanced Micro Devices |
HER501 | 5.0 AMP HIGH EFFICIENCY RECTIFIERS | 1 2 | Bytes |
SF51 | 5.0 AMP SUPER FAST RECTIFIERS | 1 2 | Formosa MS |
SA50 | 5.0 thru 170 volts 500 Watts Transient Voltage Suppressors | 1 2 3 4 5 | Microsemi Corporation |
HMC480ST89 | InGaP HBT GAIN BLOCK MMIC AMPLIFIER DC - 5.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |