Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS_S1D2502A01 Datasheet (PDF) - Samsung semiconductor

DS_S1D2502A01 Datasheet PDF - Samsung semiconductor
Part # DS_S1D2502A01
Download  DS_S1D2502A01 Download

File Size   742.75 Kbytes
Page   57 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS

DS_S1D2502A01 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS_S1D2502A01 Datasheet PDF - Samsung semiconductor

Part # DS_S1D2502A01
Download  DS_S1D2502A01 Click to download

File Size   742.75 Kbytes
Page   57 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS

DS_S1D2502A01 Datasheet (HTML) - Samsung semiconductor


DS_S1D2502A01 Product details

VIDEO AMP MERGED OSD PROCESSOR

The S1D2502A01 is a very high frequency video amplifier & wide range OSD processor 1 chip system with I2C Bus control used in monitors. It contains 3 matched R/G/B video amplifiers with OSD processor and provides flexible interfacing to I2C Bus controlled adjustment systems.

FEATURES
VIDEO AMP PART
• 3-channel R/G/B video amplifier, 175MHz @f-3dB
• I2C bus control items
   — Contrast control: -38dB
   — Sub contrast control for each channel: -12dB
   — Brightness control
   — OSD contrast control: -38dB
   — Cut-off brightness control (AC coupling)
   — Cut-off control for each channel (AC coupling)
   — Switch registers for SBLK and video half tone and CLP/BLK polarity selection and INT/EXT CLP selection and generated CLP width control
• Built in ABL (automatic beam limitation)
• Built in video input clamp, BRT clamp
• Built in video half tone (3mode) function on OSD pictures
• Capable of 8.0Vp-p output swing
• Improvement of rise & fall time (2.2ns)
• Cut-off brightness control
• Built in blank gate with spot killer
• Clamp pulse generator
• OSD intensity
• BLK, CLP polarity selection
• Clamp gate with anti OSD sagging

OSD PART
• Built in 1K-byte SRAM
• 448 ROM fonts (each font consists of 12 × 18 dots.)
• Full screen memory architecture
• Wide range PLL available (15kHz — 96kHz, Reference 800 X 600)
• Programmable vertical height of character
• Programmable vertical and horizontal positioning
• Character color selection up to 16 different colors
• Programmable background color (up to 16 colors)
• Character blinking, bordering and shadowing
• Color blinking
• Character scrolling
• Fade-in and fade-out
• Box drawing
• Character sizing up to four times
• 76.8MHz pixel frequency from on-chip PLL (Reference 800 X 600)

FUNCTIONS
• R/G/B video amplifier
• OSD processor
• I2C bus control
• Cut-off brightness control
• R/G/B sub contrast/cut-off control
• Half tone




Similar Part No. - DS_S1D2502A01

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOS104A KEYSIGHT-DSOS104A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS104A KEYSIGHT-DSOS104A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS104A KEYSIGHT-DSOS104A Datasheet
5Mb / 44P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS1GBW KEYSIGHT-DSOS1GBW Datasheet
5Mb / 44P
   Infiniium S-Series High-Definition Oscilloscopes
logo
Samsung semiconductor
DS_S1A0291X01 SAMSUNG-DS_S1A0291X01 Datasheet
147Kb / 8P
   PB/REC PRE AMP FOR 2 DECK
More results


Similar Description - DS_S1D2502A01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502B01 SAMSUNG-S1D2502B01 Datasheet
722Kb / 61P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
   VIDEO AMP MERGED OSD PROCESSOR
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
   Video Processor for CRT Monitors with PictureBooST
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
   OSD PROCESSOR FOR MONITOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com