Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTF015P02 Datasheet (PDF) - Rohm

RTF015P02 Datasheet PDF - Rohm
Part # RTF015P02
Download  RTF015P02 Download

File Size   87.82 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description DC-DC Converter (-20V, -1.5A)

RTF015P02 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTF015P02 Datasheet PDF - Rohm

Part # RTF015P02
Download  RTF015P02 Click to download

File Size   87.82 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description DC-DC Converter (-20V, -1.5A)

RTF015P02 Datasheet (HTML) - Rohm

RTF015P02 Datasheet HTML 1Page - Rohm RTF015P02 Datasheet HTML 2Page - Rohm RTF015P02 Datasheet HTML 3Page - Rohm RTF015P02 Datasheet HTML 4Page - Rohm RTF015P02 Datasheet HTML 5Page - Rohm

RTF015P02 Product details

Features
1) Low on-resistance. (80mΩ at 2.5V)
2) High power package.
3) High speed switching.
4) Low voltage drive. (2.5V)

Applications
   DC-DC converter




Similar Part No. - RTF015P02

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RTF015P02 VBSEMI-RTF015P02 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
RTF015P02TL VBSEMI-RTF015P02TL Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
More results


Similar Description - RTF015P02

ManufacturerPart #DatasheetDescription
logo
Rohm
RTF020P02 ROHM-RTF020P02 Datasheet
126Kb / 5P
   DC-DC Converter (-20V, -2.0A)
RTL020P02 ROHM-RTL020P02 Datasheet
88Kb / 5P
   DC-DC Converter (-20V, -2.0A)
RTQ035P02 ROHM-RTQ035P02 Datasheet
93Kb / 5P
   DC-DC Converter (-20V, -3.5A)
RTQ030P02 ROHM-RTQ030P02 Datasheet
94Kb / 5P
   DC-DC Converter (-20V, -3.0A)
RTF010P02 ROHM-RTF010P02 Datasheet
88Kb / 5P
   DC-DC Converter (-20V, -1.0A)
RTL030P02 ROHM-RTL030P02 Datasheet
77Kb / 5P
   DC-DC Converter (-20V, -3.0A)
RTQ025P02 ROHM-RTQ025P02 Datasheet
94Kb / 5P
   DC-DC Converter (-20V, -2.5A)
RTQ040P02 ROHM-RTQ040P02 Datasheet
77Kb / 5P
   DC-DC Converter (-20V, -4.0A)
logo
Gamma Microelectronics ...
GM34063 GAMMA-GM34063_1 Datasheet
191Kb / 10P
   1.5A DC TO DC CONVERTER CONTROL
logo
Unisonic Technologies
P1595 UTC-P1595_15 Datasheet
268Kb / 6P
   200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com