Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012JB1A475K Datasheet (PDF) - Cypress Semiconductor

C2012JB1A475K Datasheet PDF - Cypress Semiconductor
Part # C2012JB1A475K
Download  C2012JB1A475K Download

File Size   1608.45 Kbytes
Page   43 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description High efficiency : 96% (Max)

C2012JB1A475K Datasheet (PDF)

Go To PDF Page Download Datasheet
C2012JB1A475K Datasheet PDF - Cypress Semiconductor

Part # C2012JB1A475K
Download  C2012JB1A475K Click to download

File Size   1608.45 Kbytes
Page   43 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description High efficiency : 96% (Max)

C2012JB1A475K Datasheet (HTML) - Cypress Semiconductor

Back Button C2012JB1A475K Datasheet HTML 1Page - Cypress Semiconductor C2012JB1A475K Datasheet HTML 2Page - Cypress Semiconductor C2012JB1A475K Datasheet HTML 3Page - Cypress Semiconductor C2012JB1A475K Datasheet HTML 4Page - Cypress Semiconductor C2012JB1A475K Datasheet HTML 5Page - Cypress Semiconductor C2012JB1A475K Datasheet HTML 6Page - Cypress Semiconductor C2012JB1A475K Datasheet HTML 7Page - Cypress Semiconductor C2012JB1A475K Datasheet HTML 8Page - Cypress Semiconductor C2012JB1A475K Datasheet HTML 9Page - Cypress Semiconductor C2012JB1A475K Datasheet HTML 10Page - Cypress Semiconductor Next Button 



Similar Part No. - C2012JB1A475K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012JB1A475K TDK-C2012JB1A475K Datasheet
101Kb / 15P
   General Multilayer Ceramic Chip Capacitors C Series
logo
Cypress Semiconductor
C2012JB1A475K CYPRESS-C2012JB1A475K Datasheet
1Mb / 32P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
logo
TDK Electronics
C2012JB1A475K060AB TDK-C2012JB1A475K060AB_17 Datasheet
214Kb / 3P
   Multilayer Ceramic Chip Capacitors
C2012JB1A475K125AA TDK-C2012JB1A475K125AA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C2012JB1A475K125AA TDK-C2012JB1A475K125AA_17 Datasheet
234Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results


Similar Description - C2012JB1A475K

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALO15B50 EMERSON-NETWORKPOWER-ALO15B50 Datasheet
88Kb / 2P
   High efficiency (96% Typical)
logo
Bel Fuse Inc.
TET1500 BEL-TET1500 Datasheet
1Mb / 26P
   High Efficiency, typ. 96% efficiency at half load
logo
SynQor Worldwide Headqu...
SQ60120QEX25 SYNQOR-SQ60120QEX25 Datasheet
2Mb / 14P
   High efficiency, 96% at full rated load current
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7332 AVAGO-ACPM-7332 Datasheet
1Mb / 16P
   high efficiency at max output power
ACPM-7372 AVAGO-ACPM-7372 Datasheet
1Mb / 16P
   high efficiency at max output power
logo
Recom International Pow...
R-78B-2.0 RECOM-R-78B-2.0 Datasheet
401Kb / 5P
   Efficiency Up To 96%, No Heatsinks Required
logo
Monolithic Power System...
EV2499M-QB-00A MPS-EV2499M-QB-00A Datasheet
949Kb / 7P
   High Efficiency, 3A Max, 36V Synchronous, Step-Down Converter Evaluation Board
logo
Maxim Integrated Produc...
MAX1762 MAXIM-MAX1762 Datasheet
659Kb / 20P
   High-Efficiency, 10-Pin 關MAX, Step-Down Controllers for Notebooks
Rev 1; 10/05
logo
Toshiba Semiconductor
TA8270HQ TOSHIBA-TA8270HQ Datasheet
365Kb / 16P
   Max Power 43 W BTL × 4 ch High Efficiency Audio Power IC
2006-04-28
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
   High Efficiency
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com