Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC114ECA Datasheet (PDF) - Rohm

DTC114ECA Datasheet PDF - Rohm
Part # DTC114ECA
Download  DTC114ECA Download

File Size   1436.6 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 100mA 50V Digital Transistors

DTC114ECA Datasheet (PDF)

Go To PDF Page Download Datasheet
DTC114ECA Datasheet PDF - Rohm

Part # DTC114ECA
Download  DTC114ECA Click to download

File Size   1436.6 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 100mA 50V Digital Transistors

DTC114ECA Datasheet (HTML) - Rohm

DTC114ECA Datasheet HTML 1Page - Rohm DTC114ECA Datasheet HTML 2Page - Rohm DTC114ECA Datasheet HTML 3Page - Rohm DTC114ECA Datasheet HTML 4Page - Rohm DTC114ECA Datasheet HTML 5Page - Rohm DTC114ECA Datasheet HTML 6Page - Rohm DTC114ECA Datasheet HTML 7Page - Rohm DTC114ECA Datasheet HTML 8Page - Rohm

DTC114ECA Product details

Features

1) Built-In Biasing Resistors, R1 = R2 = 10kΩ

2) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) .

3) Only the on/off conditions need to be set for operation, making the circuit design easy.

4) Complementary PNP Types: DTA114ECA



 




Similar Part No. - DTC114ECA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114ECA ROHM-DTC114ECA Datasheet
71Kb / 3P
   Digital transistors (built-in resistors)
logo
Galaxy Semi-Conductor H...
DTC114ECA BILIN-DTC114ECA Datasheet
185Kb / 4P
   Digital Transistor
logo
Rectron Semiconductor
DTC114ECA RECTRON-DTC114ECA Datasheet
1,014Kb / 16P
   DIGITAL TRANSISTOR (NPN)
logo
Leshan Radio Company
DTC114ECA LRC-DTC114ECA Datasheet
78Kb / 2P
   Digital transistors(built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC114ECA SECOS-DTC114ECA Datasheet
432Kb / 3P
   NPN Digital Transistors (Built-in Resistors)
More results


Similar Description - DTC114ECA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144ECA ROHM-DTC144ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144G ROHM-DTC144G Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistors
DTC114EUBHZG ROHM-DTC114EUBHZG Datasheet
1Mb / 9P
   NPN 100mA 50V Digital Transistors
DTC143X ROHM-DTC143X_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC144GUAT106 ROHM-DTC144GUAT106 Datasheet
424Kb / 7P
   NPN 100mA 50V Digital Transistors
DTC143ZKAT146 ROHM-DTC143ZKAT146 Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors
DTC114YCA ROHM-DTC114YCA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC015T ROHM-DTC015T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC143E ROHM-DTC143E_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC143T ROHM-DTC143T_12 Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com