Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC44353DW Datasheet (PDF) - Motorola, Inc

MC44353DW Datasheet PDF - Motorola, Inc
Part No. MC44353DW
Download  MC44353DW Click to view

File Size   441.75 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MULTI?밪TANDARD AND PAL/NTSC MODULATOR ICs

MC44353DW Datasheet (PDF)

Go To PDF Page Download Datasheet
MC44353DW Datasheet PDF - Motorola, Inc

Part No. MC44353DW
Download  MC44353DW Click to view

File Size   441.75 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MULTI?밪TANDARD AND PAL/NTSC MODULATOR ICs

MC44353DW Datasheet (HTML) - Motorola, Inc

Back Button MC44353DW Datasheet HTML 1Page - Motorola, Inc MC44353DW Datasheet HTML 2Page - Motorola, Inc MC44353DW Datasheet HTML 3Page - Motorola, Inc MC44353DW Datasheet HTML 4Page - Motorola, Inc MC44353DW Datasheet HTML 5Page - Motorola, Inc MC44353DW Datasheet HTML 6Page - Motorola, Inc MC44353DW Datasheet HTML 7Page - Motorola, Inc MC44353DW Datasheet HTML 8Page - Motorola, Inc MC44353DW Datasheet HTML 9Page - Motorola, Inc MC44353DW Datasheet HTML 10Page - Motorola, Inc Next Button 

MC44353DW Product details

PLL Tuned UHF Audio/Video Modulator ICs for PAL, SECAM and NTSC TV Systems

These modulator circuits are intended for use in VCRs, satellite receivers, set–top boxes, video games, etc. An on–chip high speed I2C compatible bus receiver is included and is used to set the channel, tuned by a PLL over the full range in the UHF bands. The modulator incorporates a sound subcarrier oscillator, using a second PLL to derive 4.5, 5.5, 6.0 and 6.5 MHz carrier frequencies, selectable by the bus.
For the sound, either frequency modulation with pre–emphasis or amplitude modulation (MC44353 only) is possible. A control bit (MC44353 only) is used to select AM sound with positive RF modulation (system L). The level of the sound carrier with respect to the vision carrier and the modulation depth of both sound and vision may be adjusted by means of the bus. In addition, an on–chip video test pattern generator may be switched in with a 1.0 kHz audio test signal.

• Channel 21 through 69 UHF Operation (471 MHz to 855 MHz)
• On–Chip Low Power Operational Amplifier for Direct Tuning Varactor Voltage
• Single–Ended Output for Low Cost and Ease of Interface
• Low External Component Count
• High Speed I2C Bus Compatible
• Programmable Video Modulation Depth (8 Steps of 2.5%)
• Programmable Picture/Sound Carriers Ratio and Audio Sensitivity (8 Steps of 1.0 dB)
• On–Chip Programmable Sound Subcarrier Oscillator (4.5 MHz to 6.5 MHz)
• On–Chip Video Test Pattern Generator with Sound Test Signal (1.0 kHz)
• VCC Standby Mode (Typ 500 µA)
• Transient Output Inhibit During PLL Lock–Up at Power–On



Similar Part No. - MC44353DW

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MC44302A MOTOROLA-MC44302A Datasheet
615Kb / 28P
   ADVANCED MULTI?밪TANDARD VIDEO/SOUND IF
MC44302ADW MOTOROLA-MC44302ADW Datasheet
615Kb / 28P
   ADVANCED MULTI?밪TANDARD VIDEO/SOUND IF
MC44302AP MOTOROLA-MC44302AP Datasheet
615Kb / 28P
   ADVANCED MULTI?밪TANDARD VIDEO/SOUND IF
More results

Similar Description - MC44353DW

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MC44BC373 MOTOROLA-MC44BC373 Datasheet
635Kb / 24P
   Multi-Standard or PAL/ NTSC Modulator with integrated antenna booster/splitter ICs
OmniVision Technologies, Inc.
OmniVision Technologies...
OV7959 OMNIVISION-OV7959 Datasheet
1Mb / 2P
   NTSC and PAL output
NXP Semiconductors
NXP Semiconductors
TDA8360 PHILIPS-TDA8360 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
IK Semicon Co., Ltd
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
Renesas Technology Corp
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
NXP Semiconductors
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
   PAL/NTSC decoder
February 1994
Sony Corporation
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
   NTSC/PAL Decoder
NXP Semiconductors
NXP Semiconductors
TDA8501 PHILIPS-TDA8501 Datasheet
238Kb / 30P
   PAL/NTSC encoder
April 1993
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
   NTSC/PAL ENCODER
More results


Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz