Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8244ABNFM-CFNT2U Datasheet (PDF) - Seiko Instruments Inc

S-8244ABNFM-CFNT2U Datasheet PDF - Seiko Instruments Inc
Part # S-8244ABNFM-CFNT2U
Download  S-8244ABNFM-CFNT2U Download

File Size   1554.8 Kbytes
Page   32 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK

S-8244ABNFM-CFNT2U Datasheet (PDF)

Go To PDF Page Download Datasheet
S-8244ABNFM-CFNT2U Datasheet PDF - Seiko Instruments Inc

Part # S-8244ABNFM-CFNT2U
Download  S-8244ABNFM-CFNT2U Click to download

File Size   1554.8 Kbytes
Page   32 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK

S-8244ABNFM-CFNT2U Datasheet (HTML) - Seiko Instruments Inc

Back Button S-8244ABNFM-CFNT2U Datasheet HTML 1Page - Seiko Instruments Inc S-8244ABNFM-CFNT2U Datasheet HTML 2Page - Seiko Instruments Inc S-8244ABNFM-CFNT2U Datasheet HTML 3Page - Seiko Instruments Inc S-8244ABNFM-CFNT2U Datasheet HTML 4Page - Seiko Instruments Inc S-8244ABNFM-CFNT2U Datasheet HTML 5Page - Seiko Instruments Inc S-8244ABNFM-CFNT2U Datasheet HTML 6Page - Seiko Instruments Inc S-8244ABNFM-CFNT2U Datasheet HTML 7Page - Seiko Instruments Inc S-8244ABNFM-CFNT2U Datasheet HTML 8Page - Seiko Instruments Inc S-8244ABNFM-CFNT2U Datasheet HTML 9Page - Seiko Instruments Inc S-8244ABNFM-CFNT2U Datasheet HTML 10Page - Seiko Instruments Inc Next Button 

S-8244ABNFM-CFNT2U Product details

The S-8244 Series is used for secondary protection of lithium-ion batteries with from one to four cells, and incorporates a high-precision voltage detector circuit and a delay circuit. Short-circuiting between cells makes it possible for serial connection of one to four cells.

Features
(1) Internal high-precision voltage detector circuit
   • Overcharge detection voltage range: 3.700 V to 4.550 V: Accuracy of ± 25 mV
                                   (at +25°C) (at a 5 mV/step) Accuracy of ± 50 mV (at −40°C to +85°C)
   • Hysteresis: 5 types
                      0.38 ± 0.1 V, 0.25 ± 0.07 V, 0.13 ± 0.04 V, 0.045 ± 0.02 V, None
(2) High-withstand voltage: Absolute maximum rating: 26 V
(3) Wide operating voltage range: 3.6 V to 24 V (refers to the range in which the delay circuit can operate normally after overvoltage is detected)
(4) Delay time during detection: Can be set by an external capacitor.
(5) Low current consumption: At 3.5 V for each cell: 3.0 μA max. (+25°C)
                                           At 2.3 V for each cell: 2.4 μA max. (+25°C)
(6) Output logic and form: 5 types
                                      CMOS output active “H”
                                      CMOS output active “L”
                                      Pch open drain output active “L”
                                      Nch open drain output active “H”
                                      Nch open drain output active “L”
                                      (CMOS / Nch open drain output for 0.045 V hysteresis models)
(7) Lead-free, Sn 100%, halogen-free*1

Applications
• Lithium ion rechargeable battery packs (secondary protection)




Similar Part No. - S-8244ABNFM-CFNT2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8244ABNFM-CFNT2U ABLIC-S-8244ABNFM-CFNT2U Datasheet
450Kb / 28P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.7.0_00
More results


Similar Description - S-8244ABNFM-CFNT2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8244 SII-S8244 Datasheet
466Kb / 32P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8244 ABLIC-S-8244 Datasheet
450Kb / 28P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.7.0_00
logo
Seiko Instruments Inc
S-8244 SII-S-8244 Datasheet
399Kb / 27P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
logo
Unisonic Technologies
UB240 UTC-UB240 Datasheet
204Kb / 11P
   LION BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
UB240 UTC-UB240_17 Datasheet
231Kb / 11P
   LION BATTERY PROTECTION IC FOR 1-SERIAL 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S8224A SII-S8224A Datasheet
2Mb / 33P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL CELL PACK (SECONDARY PROTECTION)
logo
ABLIC Inc.
S-8264A ABLIC-S-8264A Datasheet
610Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.4.4_00
S-8224A ABLIC-S-8224A Datasheet
1Mb / 33P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
logo
Seiko Instruments Inc
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com