Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E02-5 Datasheet (PDF) - XP Power Limited

E02-5 Datasheet PDF - XP Power Limited
Part # E02-5
Download  E02-5 Download
File Size   581.39 Kbytes
Page   7 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS

E02-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
E02-5 Datasheet PDF - XP Power Limited

Part # E02-5
Download  E02-5 Click to download

File Size   581.39 Kbytes
Page   7 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS

E02-5 Datasheet (HTML) - XP Power Limited


E02-5 Product details

PRODUCT DESCRIPTION
The E Series is a broad line of small, versatile, component level building blocks in a PCB mount package that provide up to 7kV at 3 Watts continuous output power, (8kV at 2 Watts). This series features low ripple, noise, and EMI/RFI by utilizing a quasi-sinewave oscillator, excellent filtering techniques and a fully enclosed pot core transformer. The output voltage is directly proportional to the input voltage, and is linear from approximately 0.7 volts to maximum input. The isolated output allows for user selectable output polarity. Options include external aluminum box, a dual output option with center-tap pin which, when grounded, provides both positive and negative outputs from one low cost module.

FEATURES
• Proportional Input/Output
• Compact, PCB Mount Package
• Low Ripple, Low EMI / RFI
• Proven Reliability
• Input/Output Isolation
• Low Leakage Current
• Low Input/Output Coupling Capacitance
• No External Components Required
• No Minimum Load Required
• MTBF: >2 Million Hours per Bellcore TR-332
• UL Certified Encapsulant, Meets 94V-0 Flammability
• Mounting Holes
• RoHS Compliant

APPLICATIONS
• Electrophoresis
• Capacitor Charging
• Field Generation
• Piezo Devices
• Mass Spectrometry
• Electrostatic Chuck
• Igniter / Spark Module
• Sustaining Ion Pumps




Similar Part No. - E02-5

ManufacturerPart #DatasheetDescription
logo
Powerbox
E02-5 POWERBOX-E02-5 Datasheet
306Kb / 1P
1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Connor-Winfield Corpora...
E02-510 CONNOR-WINFIELD-E02-510 Datasheet
85Kb / 2P
14 PIN DIP ECL
E02-511 CONNOR-WINFIELD-E02-511 Datasheet
85Kb / 2P
14 PIN DIP ECL
E02-512 CONNOR-WINFIELD-E02-512 Datasheet
85Kb / 2P
14 PIN DIP ECL
E02-520 CONNOR-WINFIELD-E02-520 Datasheet
85Kb / 2P
14 PIN DIP ECL
More results


Similar Description - E02-5

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
BOLERO HV DC/DC CONVERTERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com