Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC14489DW Datasheet (PDF) - Motorola, Inc

MC14489DW Datasheet PDF - Motorola, Inc
Part # MC14489DW
Download  MC14489DW Download

File Size   305.88 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Multi-Character LED Display/Lamp Driver

MC14489DW Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14489DW Datasheet PDF - Motorola, Inc

Part # MC14489DW
Download  MC14489DW Click to download

File Size   305.88 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Multi-Character LED Display/Lamp Driver

MC14489DW Datasheet (HTML) - Motorola, Inc

Back Button MC14489DW Datasheet HTML 1Page - Motorola, Inc MC14489DW Datasheet HTML 2Page - Motorola, Inc MC14489DW Datasheet HTML 3Page - Motorola, Inc MC14489DW Datasheet HTML 4Page - Motorola, Inc MC14489DW Datasheet HTML 5Page - Motorola, Inc MC14489DW Datasheet HTML 6Page - Motorola, Inc MC14489DW Datasheet HTML 7Page - Motorola, Inc MC14489DW Datasheet HTML 8Page - Motorola, Inc MC14489DW Datasheet HTML 9Page - Motorola, Inc MC14489DW Datasheet HTML 10Page - Motorola, Inc Next Button 

MC14489DW Product details

Multi-Character LED Display/Lamp Driver

CMOS



The MC14489 is a flexible light–emitting–diode driver which directly interfaces to individual lamps, 7–segment displays, or various combinations of both.LEDs wired with common cathodes are driven in a multiplexed–by–5 fashion. Communication with an MCU/MPU is established through a synchronous serial port. The MC14489 features data retention plus decode and scan circuitry, thus relieving processor overhead. A single, current–setting resistor is the only ancillary component required.



• Operating Voltage Range of Drive Circuitry: 4.5 to 6 V

• Operating Junction Temperature Range: – 40°to 130°C

• Current Sources Controlled by Single Resistor Provide Anode Drive

• Low–Resistance FET Switches Provide Direct Common Cathode Interface

• Low–Power Mode (Extinguishes the LEDs) and Brightness Controlled via Serial Port

• Special Circuitry Minimizes EMI when Display is Driven and Eliminates EMI in Low–Power Mode

• Power–On Reset (POR) Blanks the Display on Power–Up, Independent of Supply Ramp Up Time

• May Be Used with Double–Heterojunction LEDs for Optimum Efficiency

• Chip Complexity: 4300 Elements (FETs, Resistors, Capacitors, etc.)

• See Application Note AN431, Temperature Measurement and Display Using the MC68HC05B4 and the MC14489and Engineering Bulletin EB153, Driving a Seven–Segment Display with the NEURONCHIP



 



Similar Part No. - MC14489DW

ManufacturerPart #DatasheetDescription
Motorola, Inc
Motorola, Inc
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489BDW MOTOROLA-MC14489BDW Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489BDWR2 MOTOROLA-MC14489BDWR2 Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
More results

Similar Description - MC14489DW

ManufacturerPart #DatasheetDescription
Motorola, Inc
Motorola, Inc
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
   Multy-Character LED Display/Lamp Driver
Freescale Semiconductor, Inc
Freescale Semiconductor...
MC14489BPE FREESCALE-MC14489BPE Datasheet
2Mb / 22P
   MuIti-Character lED Display/lamp Driver
Texas Instruments
Texas Instruments
LM3535 TI1-LM3535 Datasheet
1Mb / 34P
[Old version datasheet]   Multi-Display LED Driver
Toshiba Semiconductor
Toshiba Semiconductor
TLG336S TOSHIBA-TLG336S Datasheet
262Kb / 6P
   LED LAMP 8.0mm(0.3inch)Character Height Numerical Display
Texas Instruments
Texas Instruments
LM3528 TI1-LM3528 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency, Multi Display LED Driver
Intersil Corporation
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
Renesas Technology Corp
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com