Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14419 Datasheet (PDF) - Motorola, Inc

MC14419 Datasheet PDF - Motorola, Inc
Part # MC14419
Download  MC14419 Download

File Size   543.85 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Low-Power Complementary Mos

MC14419 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14419 Datasheet PDF - Motorola, Inc

Part # MC14419
Download  MC14419 Click to download

File Size   543.85 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Low-Power Complementary Mos

MC14419 Datasheet (HTML) - Motorola, Inc


MC14419 Product details

2-OF-8 KEYPAD-TO-BINARY ENCODER

The MC14419 is designed for phone dialer system applications, but finds many applications as a keypad-to-binary encoder. The device contains a 2-of-8 to binary encoder, a strobe generator, and an illegal state detector. The encoder has four row inputs and four column inputs, and is designed to accept inputs from 16 keyswitches arranged in a 4x 4 matrix. For an output on the four data lines, one and only one row along with one and only one column input line  must be activated. All other combinations are suppressed by the illegal state detector to eliminate false data output.

● Suppressed Output for Illegal Input Code
● On-Chip Pullup Resistors for Row and Column Inputs
● Clock Input Conditioning Circuit
● Low Current Drain in Standby Mode
   5.0μA Typical @ 5.0 Vdc
● Subsystem Complement to the MC14408/14409 Phone Pulse Converter
● Codes for Numbers 0-9 Produce a Strobe Pulse
● One Key Rollover Feature




Similar Part No. - MC14419

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14410 MOTOROLA-MC14410 Datasheet
189Kb / 4P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS)
MC144105 MOTOROLA-MC144105 Datasheet
505Kb / 7P
   IR REMOTE CONTROL TRANSMITTER
MC144105P MOTOROLA-MC144105P Datasheet
505Kb / 7P
   IR REMOTE CONTROL TRANSMITTER
MC14410L MOTOROLA-MC14410L Datasheet
189Kb / 4P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS)
MC14410P MOTOROLA-MC14410P Datasheet
189Kb / 4P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS)
More results


Similar Description - MC14419

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14443 MOTOROLA-MC14443 Datasheet
166Kb / 5P
   Low-Power Complementary MOS
MC145429 MOTOROLA-MC145429 Datasheet
42Kb / 1P
   Low-Power Complementary MOS
MC14412 MOTOROLA-MC14412 Datasheet
288Kb / 6P
   Low-Power Complementary Mos
MC142100 MOTOROLA-MC142100 Datasheet
59Kb / 1P
   Low-Power Complementary MOS
MC14495-1 MOTOROLA-MC14495-1 Datasheet
128Kb / 5P
   Low-Power Complementary Mos
MC145000 MOTOROLA-MC145000 Datasheet
574Kb / 11P
   Low-Power Complementary MOS
MC14410 MOTOROLA-MC14410 Datasheet
189Kb / 4P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS)
MC145104 MOTOROLA-MC145104 Datasheet
70Kb / 1P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) PLL FREQUENCY SYNTHESIZERS
MC14544B MOTOROLA-MC14544B Datasheet
266Kb / 7P
   CMOS MSI (Low?밣ower Complementary MOS)
logo
TRINAMIC Motion Control...
TMC32NP TRINAMIC-TMC32NP Datasheet
364Kb / 1P
   Complementary 30V MOS FET
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com