Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8K23FRA Datasheet (PDF) - Rohm

SP8K23FRA Datasheet PDF - Rohm
Part # SP8K23FRA
Download  SP8K23FRA Download

File Size   2555.91 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 45V NchNch Power MOSFET

SP8K23FRA Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8K23FRA Datasheet PDF - Rohm

Part # SP8K23FRA
Download  SP8K23FRA Click to download

File Size   2555.91 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 45V NchNch Power MOSFET

SP8K23FRA Datasheet (HTML) - Rohm

Back Button SP8K23FRA Datasheet HTML 1Page - Rohm SP8K23FRA Datasheet HTML 2Page - Rohm SP8K23FRA Datasheet HTML 3Page - Rohm SP8K23FRA Datasheet HTML 4Page - Rohm SP8K23FRA Datasheet HTML 5Page - Rohm SP8K23FRA Datasheet HTML 6Page - Rohm SP8K23FRA Datasheet HTML 7Page - Rohm SP8K23FRA Datasheet HTML 8Page - Rohm SP8K23FRA Datasheet HTML 9Page - Rohm SP8K23FRA Datasheet HTML 10Page - Rohm Next Button 



Similar Part No. - SP8K23FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K2 ROHM-SP8K2 Datasheet
59Kb / 4P
   Switching (30V, 6.0A)
SP8K2 ROHM-SP8K2 Datasheet
65Kb / 4P
   Switching (30V, 6.0A)
logo
VBsemi Electronics Co.,...
SP8K2-TB VBSEMI-SP8K2-TB Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Rohm
SP8K22 ROHM-SP8K22 Datasheet
150Kb / 5P
   Switching (45V, 4.5A)
logo
VBsemi Electronics Co.,...
SP8K22-TB VBSEMI-SP8K22-TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results


Similar Description - SP8K23FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K22FRA ROHM-SP8K22FRA Datasheet
2Mb / 15P
   45V NchNch Power MOSFET
QS6K21FRA ROHM-QS6K21FRA Datasheet
1Mb / 14P
   Nch 45V 1A Power MOSFET
RSS070N05FRA ROHM-RSS070N05FRA Datasheet
2Mb / 14P
   Nch 45V 7A Power MOSFET
RVQ040N05FRA ROHM-RVQ040N05FRA Datasheet
786Kb / 14P
   Nch 45V 4A Power MOSFET
RD3H200SNFRA ROHM-RD3H200SNFRA Datasheet
2Mb / 15P
   Nch 45V 20A Power MOSFET
QS6K21FRA ROHM-QS6K21FRA_16 Datasheet
2Mb / 15P
   45V NchNch Small Signal MOSFET
SP8M24FRA ROHM-SP8M24FRA Datasheet
4Mb / 23P
   45V NchPch Power MOSFET
RTQ020N05TR ROHM-RTQ020N05TR Datasheet
524Kb / 12P
   Nch 45V 2A Power MOSFET
RD3H200SN ROHM-RD3H200SN Datasheet
2Mb / 16P
   Nch 45V 20A Power MOSFET
RTR030N05FRA ROHM-RTR030N05FRA Datasheet
2Mb / 14P
   Nch 45V 3A Middle Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com