Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C412C472J1G5HA7200 Datasheet (PDF) - Kemet Corporation

C412C472J1G5HA7200 Datasheet PDF - Kemet Corporation
Part # C412C472J1G5HA7200
Download  C412C472J1G5HA7200 Download

File Size   2553.6 Kbytes
Page   15 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Axial Leaded Multilayer Ceramic Capacitors

C412C472J1G5HA7200 Datasheet (PDF)

Go To PDF Page Download Datasheet
C412C472J1G5HA7200 Datasheet PDF - Kemet Corporation

Part # C412C472J1G5HA7200
Download  C412C472J1G5HA7200 Click to download

File Size   2553.6 Kbytes
Page   15 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Axial Leaded Multilayer Ceramic Capacitors

C412C472J1G5HA7200 Datasheet (HTML) - Kemet Corporation

Back Button C412C472J1G5HA7200 Datasheet HTML 1Page - Kemet Corporation C412C472J1G5HA7200 Datasheet HTML 2Page - Kemet Corporation C412C472J1G5HA7200 Datasheet HTML 3Page - Kemet Corporation C412C472J1G5HA7200 Datasheet HTML 4Page - Kemet Corporation C412C472J1G5HA7200 Datasheet HTML 5Page - Kemet Corporation C412C472J1G5HA7200 Datasheet HTML 6Page - Kemet Corporation C412C472J1G5HA7200 Datasheet HTML 7Page - Kemet Corporation C412C472J1G5HA7200 Datasheet HTML 8Page - Kemet Corporation C412C472J1G5HA7200 Datasheet HTML 9Page - Kemet Corporation C412C472J1G5HA7200 Datasheet HTML 10Page - Kemet Corporation Next Button 

C412C472J1G5HA7200 Product details

Overview
KEMET’s Aximax conformally coated axial leaded ceramic capacitors in C0G dielectric feature a 125°C maximum operating temperature. The Electronics Industries Alliance (EIA) characterizes C0G dielectric as a Class I “stable” material. Components of this classifcation are temperature compensating and are suited for resonant circuit applications or those where Q and stability of capacitance characteristics are required. C0G exhibits no change in capacitance with respect to time and voltage and boasts a negligible change in capacitance with reference to ambient temperature. Capacitance change is limited to ±30ppm/ºC from −55°C to +125°C.
These devices meet the flame test requirements outlined in UL Standard 94V–0.

Benefts
• Axial leaded form factor
• Conformally coated
• Operating temperature range of −55°C to +125°C
• Lead (Pb)-free, RoHS and REACH compliant
• DC voltage ratings of 25 V, 50 V, 100 V, 200 V and 250 V
• Capacitance offerings ranging from 1.0 pF up to 0.1 μF
• Available capacitance tolerances of ±0.1 pF, ±0.25 pF, ±0.5 pF, ±1%, ±2%, ±5%, and 10%
• Extremely low ESR and ESL
• High thermal stability
• High ripple current capability
• No capacitance change with respect to applied rated DC voltage
• Negligible capacitance change with respect to temperature from −55°C to +125°C
• No capacitance decay with time
• 100% pure matte tin-plated lead fnish allowing for excellent solderability
• SnPb-plated lead fnish option available upon request (Sn60/Pb40)
• Encapsulation meets flamability standard UL 94V–0
• Non-polar device, minimizing installation concerns

Applications
   Typical applications include critical timing, tuning, circuits requiring low loss, 
   circuits with pulse, high current, decoupling, bypass, fltering, transient voltage
   suppression, blocking and energy storage.




Similar Part No. - C412C472J1G5HA7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C412C472J1G5HA7200 KEMET-C412C472J1G5HA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
More results


Similar Description - C412C472J1G5HA7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com