Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1221 Datasheet (PDF) - Asahi Kasei Microsystems

AK1221 Datasheet PDF - Asahi Kasei Microsystems
Part # AK1221_17
Download  AK1221 Download

File Size   925.5 Kbytes
Page   27 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 3500MHz High Lineartity Mixer

AK1221 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK1221 Datasheet PDF - Asahi Kasei Microsystems

Part # AK1221_17
Download  AK1221 Click to download

File Size   925.5 Kbytes
Page   27 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 3500MHz High Lineartity Mixer

AK1221 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK1221_17 Datasheet HTML 1Page - Asahi Kasei Microsystems AK1221_17 Datasheet HTML 2Page - Asahi Kasei Microsystems AK1221_17 Datasheet HTML 3Page - Asahi Kasei Microsystems AK1221_17 Datasheet HTML 4Page - Asahi Kasei Microsystems AK1221_17 Datasheet HTML 5Page - Asahi Kasei Microsystems AK1221_17 Datasheet HTML 6Page - Asahi Kasei Microsystems AK1221_17 Datasheet HTML 7Page - Asahi Kasei Microsystems AK1221_17 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1221_17 Datasheet HTML 9Page - Asahi Kasei Microsystems AK1221_17 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 



Similar Part No. - AK1221_17

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
   3500MHz High Linearity Mixer
More results


Similar Description - AK1221_17

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1223 AKM-AK1223_17 Datasheet
692Kb / 20P
   8500MHz High Lineartity Mixer
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
   3500MHz High Linearity Mixer
logo
TAI-SAW TECHNOLOGY CO.,...
TR0038AA0095 TAI-SAW-TR0038AA0095 Datasheet
368Kb / 6P
   Dielectric filter 3500MHz size15.9x4.4mm
logo
Mini-Circuits
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
   High Reliability Mixer High Reliability Mixer
logo
RF Micro Devices
SGA6489Z RFMD-SGA6489Z Datasheet
469Kb / 6P
   DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
logo
Soshin electric Co., Lt...
HGC5223-20M3500S SOSHIN-HGC5223-20M3500S Datasheet
21Kb / 1P
   3500MHz Band 20dB Chip Directional Coupler
HGC5023-HYB3500S SOSHIN-HGC5023-HYB3500S Datasheet
22Kb / 1P
   3500MHz Band 90deg Chip Hybrid Coupler
logo
RF Micro Devices
SGA6589Z RFMD-SGA6589Z Datasheet
466Kb / 6P
   DC to 3500MHz, CASCADABLE LOW NOISE, HIGH GAIN SiGe HBT
SGA5486Z RFMD-SGA5486Z Datasheet
375Kb / 6P
   DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
logo
Zarlink Semiconductor I...
SL6440 ZARLINK-SL6440 Datasheet
112Kb / 5P
   HIGH LEVEL MIXER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com