Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ110 Datasheet (PDF) - Shanghai Semitech Semiconductor Co., Ltd

SMCJ110 Datasheet PDF - Shanghai Semitech Semiconductor Co., Ltd
Part # SMCJ110
Download  SMCJ110 Download

File Size   245.95 Kbytes
Page   6 Pages
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd
Description Low profile package

SMCJ110 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMCJ110 Datasheet PDF - Shanghai Semitech Semiconductor Co., Ltd

Part # SMCJ110
Download  SMCJ110 Click to download

File Size   245.95 Kbytes
Page   6 Pages
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd
Description Low profile package

SMCJ110 Datasheet (HTML) - Shanghai Semitech Semiconductor Co., Ltd

SMCJ110 Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ110 Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ110 Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ110 Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ110 Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ110 Datasheet HTML 6Page - Shanghai Semitech Semiconductor Co., Ltd

SMCJ110 Product details

Features

• Working peak reverse voltage range – 5.0V to 440V.

• Peak power dissipation 1500W @10 x 1000 us Pulse

• Low profile package.

• Excellent clamping capability.

• Glass passivated junction.

• Fast response time: typically less than 1 ns for Uni-direction.

   Less than 5 ns for Bi-direction, from 0 Volts to BV min

• Typical IR less than 1uA above 10V.

• Plastic material has UL flammability classification 94V-O

• RoHS compliant in lead-free versions



 




Similar Part No. - SMCJ110

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ110 DCCOM-SMCJ110 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMCJ110 TSC-SMCJ110 Datasheet
192Kb / 7P
   1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SMCJ110 YANGJIE-SMCJ110 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMCJ110 TSC-SMCJ110 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
General Semiconductor
SMCJ110 GE-SMCJ110 Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SMCJ110

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
   Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
MMF SEMITECH-MMF Datasheet
497Kb / 5P
   Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
   Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
   Low profile package
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
SMAJ SEMITECH-SMAJ Datasheet
495Kb / 5P
   Low profile package
5KP SEMITECH-5KP Datasheet
508Kb / 4P
   Low profile package
SMBJ SEMITECH-SMBJ Datasheet
492Kb / 5P
   Low profile package
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com