Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ10CA Datasheet (PDF) - Shanghai Semitech Semiconductor Co., Ltd

SMCJ10CA Datasheet PDF - Shanghai Semitech Semiconductor Co., Ltd
Part # SMCJ10CA
Download  SMCJ10CA Download

File Size   224.18 Kbytes
Page   6 Pages
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd
Description Excellent clamping capability

SMCJ10CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SMCJ10CA Datasheet PDF - Shanghai Semitech Semiconductor Co., Ltd

Part # SMCJ10CA
Download  SMCJ10CA Click to download

File Size   224.18 Kbytes
Page   6 Pages
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd
Description Excellent clamping capability

SMCJ10CA Datasheet (HTML) - Shanghai Semitech Semiconductor Co., Ltd

SMCJ10CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ10CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ10CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ10CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ10CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd SMCJ10CA Datasheet HTML 6Page - Shanghai Semitech Semiconductor Co., Ltd

SMCJ10CA Product details

Features

• Working peak reverse voltage range – 5.0V to 440V.

• Peak power dissipation 1500W @10 x 1000 us Pulse

• Low profile package.

• Excellent clamping capability.

• Glass passivated junction.

• Fast response time: typically less than 1 ns for Uni-direction.

   Less than 5 ns for Bi-direction, from 0 Volts to BV min

• Typical IR less than 1uA above 10V.

• Plastic material has UL flammability classification 94V-O

• RoHS compliant in lead-free versions



 




Similar Part No. - SMCJ10CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ10CA FAIRCHILD-SMCJ10CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
StarHope
SMCJ10CA SPSEMI-SMCJ10CA Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
MDE Semiconductor, Inc.
SMCJ10CA MDE-SMCJ10CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
SMCJ10CA CHENDA-SMCJ10CA Datasheet
1Mb / 5P
   TRANSIENT VTAGE SUPPRESSOR
logo
Formosa MS
SMCJ10CA FORMOSA-SMCJ10CA Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results


Similar Description - SMCJ10CA

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com