Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1161 Datasheet (PDF) - Skyworks Solutions Inc.

AAT1161 Datasheet PDF - Skyworks Solutions Inc.
Part # AAT1161
Download  AAT1161 Download
File Size   1533.77 Kbytes
Page   18 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Soft Start Function

AAT1161 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT1161 Datasheet PDF - Skyworks Solutions Inc.

Part # AAT1161
Download  AAT1161 Click to download

File Size   1533.77 Kbytes
Page   18 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Soft Start Function

AAT1161 Datasheet (HTML) - Skyworks Solutions Inc.


AAT1161 Product details

General Description
The AAT1161 is an 800kHz high efficiency step down DC-DC converter with wide input voltage range. With 4.0V to 13.2V input rating, the AAT1161 is the perfect choice for 2-cell Li+ battery powered devices and mid power range regulated 12V powered applications. The internal power switch is capable of delivering up to 3A load current.

Features
• Input Voltage Range: 4.0V to 13.2V
• Up to 3A Load Current
• Fixed or Adjustable Output:
    ▪ Output Voltage: 0.6V to VIN
• Less than 1μA Shutdown Current
• Up to 95% Efficiency
• Integrated High-Side Power Switch
• External Schottky Rectifier
• 800kHz Switching Frequency
• Soft Start Function
• Short-Circuit and Over-Temperature Protection
• Minimum External Components
• Tiny 14-pin 3x3mm TDFN Package
• Temperature Range: -40°C to +85°C

Applications
• Digital Camcorders
• Industrial Applications
• Portable DVD Players
• Rack Mounted Systems
• Set Top Boxes




Similar Part No. - AAT1161

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1161 ANALOGICTECH-AAT1161 Datasheet
1Mb / 18P
13.2V Input, 3A Step-Down Converter
More results


Similar Description - AAT1161

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1335 SII-S1335 Datasheet
1Mb / 67P
HIGH RIPPLE-REJECTION SOFT-START FUNCTION
logo
ADTech
ADT73502 ADTECH-ADT73502 Datasheet
651Kb / 10P
internal soft-start function
logo
Unisonic Technologies
UD05121G-AF5-R UTC-UD05121G-AF5-R Datasheet
243Kb / 7P
Build-in soft start function
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12A-E8T1U SII-S-19244A12A-E8T1U Datasheet
3Mb / 68P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12H-E8T1U SII-S-19244A12H-E8T1U Datasheet
3Mb / 68P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
Mechatronics, Inc.
MA1751 MECHATRONICS-MA1751 Datasheet
375Kb / 1P
soft start function
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com