Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RRR040P03FRA Datasheet (PDF) - Rohm

RRR040P03FRA Datasheet PDF - Rohm
Part # RRR040P03FRA
Download  RRR040P03FRA Download

File Size   783.29 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -30V -4A Power MOSFET

RRR040P03FRA Datasheet (PDF)

Go To PDF Page Download Datasheet
RRR040P03FRA Datasheet PDF - Rohm

Part # RRR040P03FRA
Download  RRR040P03FRA Click to download

File Size   783.29 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -30V -4A Power MOSFET

RRR040P03FRA Datasheet (HTML) - Rohm

Back Button RRR040P03FRA Datasheet HTML 1Page - Rohm RRR040P03FRA Datasheet HTML 2Page - Rohm RRR040P03FRA Datasheet HTML 3Page - Rohm RRR040P03FRA Datasheet HTML 4Page - Rohm RRR040P03FRA Datasheet HTML 5Page - Rohm RRR040P03FRA Datasheet HTML 6Page - Rohm RRR040P03FRA Datasheet HTML 7Page - Rohm RRR040P03FRA Datasheet HTML 8Page - Rohm RRR040P03FRA Datasheet HTML 9Page - Rohm RRR040P03FRA Datasheet HTML 10Page - Rohm Next Button 


Similar Part No. - RRR040P03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RRR040P03 ROHM-RRR040P03 Datasheet
301Kb / 6P
   4V Drive Pch MOSFET
RRR040P03 ROHM-RRR040P03 Datasheet
155Kb / 6P
   4V Drive Pch MOSFET
RRR040P03HZG ROHM-RRR040P03HZG Datasheet
2Mb / 15P
   Pch -30V -4A Small Signal MOSFET
RRR040P03TL ROHM-RRR040P03TL Datasheet
155Kb / 6P
   4V Drive Pch MOSFET
logo
VBsemi Electronics Co.,...
RRR040P03TL VBSEMI-RRR040P03TL Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
More results


Similar Description - RRR040P03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RRH040P03TB1 ROHM-RRH040P03TB1 Datasheet
561Kb / 12P
   Pch -30V -4A Power MOSFET
RRR040P03HZG ROHM-RRR040P03HZG Datasheet
2Mb / 15P
   Pch -30V -4A Small Signal MOSFET
RQ5E040RP ROHM-RQ5E040RP Datasheet
1Mb / 14P
   Pch -30V -4A Small Signal MOSFET
20170613 - Rev.002
SP8J66FRA ROHM-SP8J66FRA Datasheet
2Mb / 15P
   -30V Pch Pch Power MOSFET
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
   -30V Pch Pch Middle Power MOSFET
RF4L040AT ROHM-RF4L040AT Datasheet
2Mb / 14P
   Pch -60V -4A Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
   -30V PchPch Middle Power MOSFET
UT6JA2 ROHM-UT6JA2 Datasheet
2Mb / 14P
   -30V PchPch Middle Power MOSFET
RRL035P03FRA ROHM-RRL035P03FRA Datasheet
783Kb / 14P
   Pch -30V -3.5A Power MOSFET
RRS100P03FRA ROHM-RRS100P03FRA Datasheet
2Mb / 15P
   Pch -30V -10A Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com