Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7544 Datasheet (PDF) - Fairchild Semiconductor

FAN7544 Datasheet PDF - Fairchild Semiconductor
Part # FAN7544
Download  FAN7544 Download
File Size   1185.55 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Simple Ballast Controller

FAN7544 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN7544 Datasheet PDF - Fairchild Semiconductor

Part # FAN7544
Download  FAN7544 Click to download

File Size   1185.55 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Simple Ballast Controller

FAN7544 Datasheet (HTML) - Fairchild Semiconductor


FAN7544 Product details

Descriptions
The FAN7544 provides simple and high performance electronic ballast control functions. The FAN7544 is optimized for electronic ballast requiring a minimum board area, by reducing component counts and lowering power dissipation. The features include programmable preheating time and frequency and programmable run frequency. The initial preheating time and frequency can be adjusted according to the types of lamps using the CPH, CT and RPH. Output gate driver circuit clamps power MOSFET gate voltage to the supply voltage.

Features
• Low Start-up and Operating Current : 140µA, 6.5mA
• Under Voltage Lock Out With 1.9V of Hysteresis
• 600mA of Totem Pole Output with High State Clamp
• Trimmed 1.5% Internal Bandgap Reference
• Programmable Preheat Time & Frequency
• Programmable Run Frequency
• High Accuracy Oscillator




Similar Part No. - FAN7544

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7547A FAIRCHILD-FAN7547A Datasheet
354Kb / 9P
LCD Backlight Inverter Drive IC
FAN7547AM FAIRCHILD-FAN7547AM Datasheet
354Kb / 9P
LCD Backlight Inverter Drive IC
FAN7547AMXC FAIRCHILD-FAN7547AMXC Datasheet
354Kb / 9P
LCD Backlight Inverter Drive IC
FAN7548 FAIRCHILD-FAN7548 Datasheet
1Mb / 12P
Dual LCD Back Light Inverter Drive IC
FAN7548G FAIRCHILD-FAN7548G Datasheet
1Mb / 12P
Dual LCD Back Light Inverter Drive IC
More results


Similar Description - FAN7544

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
Simple Ballast Controller
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
Electronic Ballast Controller
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
Electronic Ballast Controller
logo
AUK corp
S6510 AUK-S6510 Datasheet
316Kb / 6P
SIMPLE BALLAST CONTROLLER
S6510P AUK-S6510P Datasheet
340Kb / 6P
SIMPLE BALLAST CONTROLLER
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
Simple Dimming Ballast Control IC
logo
Princeton Technology Co...
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
Dimming Ballast Controller IC
PT5621 PTC-PT5621 Datasheet
835Kb / 4P
Three-Way Ballast Controller
PT5621 PTC-PT5621_10 Datasheet
835Kb / 4P
Three-Way Ballast Controller
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com