Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9617A Datasheet (PDF) - ON Semiconductor

PCA9617A Datasheet PDF - ON Semiconductor
Part # PCA9617A
Download  PCA9617A Download

File Size   157.11 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Level-Translating Fm I2C-Bus Repeater

PCA9617A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9617A Datasheet PDF - ON Semiconductor

Part # PCA9617A
Download  PCA9617A Click to download

File Size   157.11 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Level-Translating Fm I2C-Bus Repeater

PCA9617A Datasheet (HTML) - ON Semiconductor

Back Button PCA9617A Datasheet HTML 1Page - ON Semiconductor PCA9617A Datasheet HTML 2Page - ON Semiconductor PCA9617A Datasheet HTML 3Page - ON Semiconductor PCA9617A Datasheet HTML 4Page - ON Semiconductor PCA9617A Datasheet HTML 5Page - ON Semiconductor PCA9617A Datasheet HTML 6Page - ON Semiconductor PCA9617A Datasheet HTML 7Page - ON Semiconductor PCA9617A Datasheet HTML 8Page - ON Semiconductor PCA9617A Datasheet HTML 9Page - ON Semiconductor PCA9617A Datasheet HTML 10Page - ON Semiconductor Next Button 

PCA9617A Product details

Level-Translating Fm+ I2C-Bus Repeater

The PCA9617A is an I2C−bus repeater that provides level shifting between low voltage (0.8 V to 5.5 V) and higher voltage (2.2 V to 5.5 V) for Fast−Mode Plus (Fm+) I2C−bus or SMBus applications.

Features
• Two Channel, Bidirectional Buffer Isolates Capacitance and Allows
   540 pF on Either Side of the Device at 1 MHz and up to 4000 pF at
   Lower Speeds
• Voltage Level Translation from 0.8 V to 5.5 V and from 2.2 V to
   5.5 V
• Footprint and Functional replacement for PCA9517A at Fast−mode
   speeds
• Port A Operating Supply Voltage Range of 0.8 V to 5.5 V with
   Normal Levels
• Port B Operating Supply Voltage Range of 2.2 V to 5.5 V with Static
   Offset Level
• 5 V Tolerant I2C−bus and Enable Pins
• 0 Hz to 1000 kHz Clock Frequency (the Maximum System Operating
   Frequency May be Less than 1000 kHz Because of the Delays Added
   by the Repeater)
• Active HIGH Repeater Enable Input Feferenced to VCC(B)
• Open−Drain Input/Outputs
• Latching Free Operation
• Supports Arbitration and Clock Stretching Across the Repeater
• Accommodates Standard−mode, Fast−mode and Fast−mode Plus
   I2C−bus Devices, SMBus (Standard and High Power Mode), PMBus
   and Multiple Masters
• Powered−off High−impedance I2C−bus Pins
• Available in: Micro−8,
• ESD Performance: 8 kV HBM, 800 V MM
   2000 V CDM
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
   Compliant




Similar Part No. - PCA9617A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9617A NXP-PCA9617A Datasheet
1Mb / 24P
   Level translating Fm I2C-bus repeater
Rev. 1-20 March 2013
PCA9617ADP NXP-PCA9617ADP Datasheet
1Mb / 24P
   Level translating Fm I2C-bus repeater
Rev. 1-20 March 2013
PCA9617ADPJ NXP-PCA9617ADPJ Datasheet
1Mb / 24P
   Level translating Fm I2C-bus repeater
Rev. 1-20 March 2013
PCA9617ATP NXP-PCA9617ATP Datasheet
1Mb / 24P
   Level translating Fm I2C-bus repeater
Rev. 1-20 March 2013
PCA9617ATPZ NXP-PCA9617ATPZ Datasheet
1Mb / 24P
   Level translating Fm I2C-bus repeater
Rev. 1-20 March 2013
More results


Similar Description - PCA9617A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9617A TI1-TCA9617A Datasheet
787Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING FM I2C BUS REPEATER
TCA9617B TI1-TCA9617B Datasheet
912Kb / 24P
[Old version datasheet]   Level-Translating FM I2C Bus Repeater
logo
NXP Semiconductors
PCA9617A NXP-PCA9617A Datasheet
1Mb / 24P
   Level translating Fm I2C-bus repeater
Rev. 1-20 March 2013
logo
Unisonic Technologies
UCA9617 UTC-UCA9617 Datasheet
288Kb / 8P
   LEVEL TRANSLATING FM I2C-BUS REPEATER
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com