Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4420.0625 Datasheet (PDF) - Schurter Inc.

4420.0625 Datasheet PDF - Schurter Inc.
Part # 4420.0625
Download  4420.0625 Download

File Size   441.35 Kbytes
Page   6 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Circuit Breaker for Equipment thermal-magnetic, 1 pole

4420.0625 Datasheet (PDF)

Go To PDF Page Download Datasheet
4420.0625 Datasheet PDF - Schurter Inc.

Part # 4420.0625
Download  4420.0625 Click to download

File Size   441.35 Kbytes
Page   6 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Circuit Breaker for Equipment thermal-magnetic, 1 pole

4420.0625 Datasheet (HTML) - Schurter Inc.

4420.0625 Datasheet HTML 1Page - Schurter Inc. 4420.0625 Datasheet HTML 2Page - Schurter Inc. 4420.0625 Datasheet HTML 3Page - Schurter Inc. 4420.0625 Datasheet HTML 4Page - Schurter Inc. 4420.0625 Datasheet HTML 5Page - Schurter Inc. 4420.0625 Datasheet HTML 6Page - Schurter Inc.



Similar Part No. - 4420.0625

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4420.0605 SCHURTER-4420.0605 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
4420.0607 SCHURTER-4420.0607 Datasheet
455Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 3 poles
4420.0670 SCHURTER-4420.0670 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
4420.0675 SCHURTER-4420.0675 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
4420.0694 SCHURTER-4420.0694 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
More results


Similar Description - 4420.0625

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AS168XAC1 SCHURTER-AS168XAC1 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
T9-311 SCHURTER-T9-311 Datasheet
327Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
T9-211 SCHURTER-T9-211 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
T9-211 SCHURTER-T9-211_V01 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
04.01.2022
T9-211 SCHURTER-T9-211_V02 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
08.06.2022
TS-701 SCHURTER-TS-701 Datasheet
1Mb / 9P
   Circuit Breaker for Equipment, thermal, Threaded-neck type, 1?pole
TS-709 SCHURTER-TS-709_V02 Datasheet
324Kb / 9P
   Circuit Breaker for Equipment, thermal, Threaded-neck type, 1 pole
09.12.2021
T9-311 SCHURTER-T9-311_18 Datasheet
336Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com