Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1213A-01WS Datasheet (PDF) - Diodes Incorporated

D1213A-01WS Datasheet PDF - Diodes Incorporated
Part # D1213A-01WS
Download  D1213A-01WS Download

File Size   129.2 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY

D1213A-01WS Datasheet (PDF)

Go To PDF Page Download Datasheet
D1213A-01WS Datasheet PDF - Diodes Incorporated

Part # D1213A-01WS
Download  D1213A-01WS Click to download

File Size   129.2 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY

D1213A-01WS Datasheet (HTML) - Diodes Incorporated

D1213A-01WS Datasheet HTML 1Page - Diodes Incorporated D1213A-01WS Datasheet HTML 2Page - Diodes Incorporated D1213A-01WS Datasheet HTML 3Page - Diodes Incorporated D1213A-01WS Datasheet HTML 4Page - Diodes Incorporated

D1213A-01WS Product details

Features
• IEC 61000-4-2 (ESD): Air ±15kV, Contact ±8kV
• 1 Channel of ESD protection
• Low Channel Input Capacitance of 0.85pF Typical
• Typically Used at High Speed Ports such as USB 2.0, IEEE1394, Serial ATA, DVI, HDMI, PCI
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - D1213A-01WS

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
D1213A-01WS-P TECHPUBLIC-D1213A-01WS-P Datasheet
2Mb / 4P
   Low Capactitance 4-Line Uni-directional TVS diode
More results


Similar Description - D1213A-01WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-01W DIODES-D1213A-01W Datasheet
139Kb / 5P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LP DIODES-D1213A-01LP Datasheet
119Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LPQ DIODES-D1213A-01LPQ Datasheet
213Kb / 5P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LP-7B DIODES-D1213A-01LP-7B Datasheet
190Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D1213A-01LP4 DIODES-D1213A-01LP4 Datasheet
117Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
logo
TECH PUBLIC Electronics...
TPCM1213A-01SO TECHPUBLIC-TPCM1213A-01SO Datasheet
1,010Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
logo
Diodes Incorporated
D5V0F1U2LP DIODES-D5V0F1U2LP Datasheet
258Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D5V0F1U2LPQ DIODES-D5V0F1U2LPQ Datasheet
314Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
October 2019 Rev. 1 - 2
D1213A-01SO DIODES-D1213A-01SO Datasheet
122Kb / 5P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DRTR5V0U1SO DIODES-DRTR5V0U1SO Datasheet
106Kb / 4P
   1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com