Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVHA1V104M Datasheet (PDF) - NEC

SVHA1V104M Datasheet PDF - NEC
Part # SVHA1V104M
Download  SVHA1V104M Download

File Size   104.76 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY

SVHA1V104M Datasheet (PDF)

Go To PDF Page Download Datasheet
SVHA1V104M Datasheet PDF - NEC

Part # SVHA1V104M
Download  SVHA1V104M Click to download

File Size   104.76 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY

SVHA1V104M Datasheet (HTML) - NEC

Back Button SVHA1V104M Datasheet HTML 1Page - NEC SVHA1V104M Datasheet HTML 2Page - NEC SVHA1V104M Datasheet HTML 3Page - NEC SVHA1V104M Datasheet HTML 4Page - NEC SVHA1V104M Datasheet HTML 5Page - NEC SVHA1V104M Datasheet HTML 6Page - NEC SVHA1V104M Datasheet HTML 7Page - NEC SVHA1V104M Datasheet HTML 8Page - NEC SVHA1V104M Datasheet HTML 9Page - NEC SVHA1V104M Datasheet HTML 10Page - NEC Next Button 

SVHA1V104M Product details

NEC’s SV/H series solid tantalum capacitor has developed for automotive application. Comparing to the former type (R Series), the higher reliability and the higher performance have been built in the same chip size with the NEC’s original technologies.





FEATURES

The SV/H series has the highest level of reliability and performance in the tantalum chip capacitors as shown below.

• Damp heat (steady state) : 85°C, 85% RH 1000 hours

• Rapid change of temperature: –55°C to +125°C, 1000 cycles

• Resistance to soldering : 260°C, 10 sec (Fully immersed to solder)

• Failure rate : 0.5%/1000 hours (at 85°C, rated voltage applied)



APPLICATIONS

• Automotive electronics

• Other electronic equipment which requires high reliability and performance.




Similar Part No. - SVHA1V104M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
SVH ILLINOISCAPACITOR-SVH Datasheet
221Kb / 4P
   Small size ??Extended Life ??Low cost
logo
List of Unclassifed Man...
SVH-100A483AAT ETC2-SVH-100A483AAT Datasheet
53Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
logo
Caliber Electronics Inc...
SVH-100A483AAT CALIBER-SVH-100A483AAT Datasheet
58Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
logo
List of Unclassifed Man...
SVH-100A483ABT ETC2-SVH-100A483ABT Datasheet
53Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
logo
Caliber Electronics Inc...
SVH-100A483ABT CALIBER-SVH-100A483ABT Datasheet
58Kb / 1P
   14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
More results


Similar Description - SVHA1V104M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
THC VISHAY-THC Datasheet
258Kb / 11P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
logo
AVX Corporation
F97-HT3 AVX-F97-HT3 Datasheet
482Kb / 5P
   High Temperature 135째C, Resin-molded Chip, High Reliability
logo
Vishay Siliconix
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
logo
NEC
SVSP0J105M NEC-SVSP0J105M Datasheet
125Kb / 16P
   Surface mount resin molded, Ultra miniaturized chip
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
TM8 VISHAY-TM8 Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
logo
AVX Corporation
F931C226KCC AVX-F931C226KCC Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Vishay Siliconix
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com