Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD41030HFN-C Datasheet (PDF) - Rohm

BD41030HFN-C Datasheet PDF - Rohm
Part # BD41030HFN-C
Download  BD41030HFN-C Download

File Size   1246.84 Kbytes
Page   25 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description LIN Transceiver for Automotive

BD41030HFN-C Datasheet (PDF)

Go To PDF Page Download Datasheet
BD41030HFN-C Datasheet PDF - Rohm

Part # BD41030HFN-C
Download  BD41030HFN-C Click to download

File Size   1246.84 Kbytes
Page   25 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description LIN Transceiver for Automotive

BD41030HFN-C Datasheet (HTML) - Rohm

Back Button BD41030HFN-C Datasheet HTML 1Page - Rohm BD41030HFN-C Datasheet HTML 2Page - Rohm BD41030HFN-C Datasheet HTML 3Page - Rohm BD41030HFN-C Datasheet HTML 4Page - Rohm BD41030HFN-C Datasheet HTML 5Page - Rohm BD41030HFN-C Datasheet HTML 6Page - Rohm BD41030HFN-C Datasheet HTML 7Page - Rohm BD41030HFN-C Datasheet HTML 8Page - Rohm BD41030HFN-C Datasheet HTML 9Page - Rohm BD41030HFN-C Datasheet HTML 10Page - Rohm Next Button 

BD41030HFN-C Product details

General Description
BD41030FJ-C,BD41030HFN-C is the best transceiver for BUS system which need LIN (Local Interconnect Network) master and slave protocol.
BD41030FJ-C,BD41030HFN-C is low standby electricity consumption in sleep mode.
BD41030FJ-C:SOP-J8
BD41030HFN-C:HSON8

Features
■ Compliant with LIN2.0,LIN2.1,LIN2.2,LIN2.2A
■ AEC-Q100 Qualified(Note 1)
■ Absolute maximum ratings of LIN pin is -27V to+40V
■ Max transmission rate 20kbps
■ Low Electro Magnetic Emission (EME)
■ High Electro Magnetic Immunity (EMI)
■ High impedance at power off for bus
■ Interface (RXD/TXD) with protocol layer
   corresponds to 3.3V/5.0V logic.
■ Built-in terminator for LIN slave
■ Standby power consumption in sleep mode
■ Transmit data(TXD) dominant time-out function
■ Resistant to LIN-BAT/GND short-circuit
■ Built-in Thermal Shut Down(TSD)

Applications
■ LIN communication for Automotive networks.




Similar Part No. - BD41030HFN-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD41033FJ-C ROHM-BD41033FJ-C Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
BD41033FJ-CE2 ROHM-BD41033FJ-CE2 Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
More results


Similar Description - BD41030HFN-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD41033FJ-C ROHM-BD41033FJ-C Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
   LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
   LIN Transceiver
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com