Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC163 Datasheet (PDF) - ON Semiconductor

MC74HC163 Datasheet PDF - ON Semiconductor
Part # MC74HC163
Download  MC74HC163 Download
File Size   144.21 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Presettable Counters

MC74HC163 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HC163 Datasheet PDF - ON Semiconductor

Part # MC74HC163
Download  MC74HC163 Click to download

File Size   144.21 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Presettable Counters

MC74HC163 Datasheet (HTML) - ON Semiconductor


MC74HC163 Product details

The MC74HC161A and HC163A are identical in pinout to the LS161 and LS163. The device inputs are compatible with standard CMOS outputs; with pull–up resistors, they are compatible with LSTTL outputs. The HC161A and HC163A are programmable 4–bit binary counters with asynchronous and synchronous reset, respectively.

 • Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 A
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard No. 7A
• Chip Complexity: 192 FETs or 48 Equivalent Gates
• Pb−Free Packages are Available




Similar Part No. - MC74HC163

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC163A ONSEMI-MC74HC163A Datasheet
352Kb / 16P
Presettable Counters High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 11
logo
Motorola, Inc
MC74HC163AD MOTOROLA-MC74HC163AD Datasheet
255Kb / 12P
PRESETTABLE COUNTERS HIGH-PERFORMANCE SILICON-GATE CMOS
logo
ON Semiconductor
MC74HC163AD ONSEMI-MC74HC163AD Datasheet
352Kb / 16P
Presettable Counters High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 11
MC74HC163ADG ONSEMI-MC74HC163ADG Datasheet
352Kb / 16P
Presettable Counters High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 11
MC74HC163ADG ONSEMI-MC74HC163ADG Datasheet
167Kb / 15P
Presettable Counters
May, 2013 ??Rev. 13
More results


Similar Description - MC74HC163

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A Datasheet
284Kb / 16P
Presettable Counters
March, 2000 ??Rev. 8
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
Presettable Counters
SL74HC163 SLS-SL74HC163 Datasheet
86Kb / 9P
Presettable Counters
logo
National Semiconductor ...
DM74197 NSC-DM74197 Datasheet
86Kb / 4P
PRESETTABLE BINARY COUNTERS
DM74LS197 NSC-DM74LS197 Datasheet
117Kb / 6P
Presettable Binary Counters
logo
Integral Corp.
IN74HC161A INTEGRAL-IN74HC161A Datasheet
189Kb / 9P
PRESETTABLE COUNTERS
IN74HC163A INTEGRAL-IN74HC163A Datasheet
190Kb / 9P
PRESETTABLE COUNTERS
IN74ACT163 INTEGRAL-IN74ACT163 Datasheet
217Kb / 7P
PRESETTABLE COUNTERS
IN74HCT163A INTEGRAL-IN74HCT163A Datasheet
188Kb / 8P
PRESETTABLE COUNTERS
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A_13 Datasheet
167Kb / 15P
Presettable Counters
May, 2013 ??Rev. 13
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com