Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3622 Datasheet (PDF) - Integrated Device Technology

IDT72V3622 Datasheet PDF - Integrated Device Technology
Part # IDT72V3622
Download  IDT72V3622 Download
File Size   217.53 Kbytes
Page   29 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2

IDT72V3622 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72V3622 Datasheet PDF - Integrated Device Technology

Part # IDT72V3622
Download  IDT72V3622 Click to download

File Size   217.53 Kbytes
Page   29 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2

IDT72V3622 Datasheet (HTML) - Integrated Device Technology


IDT72V3622 Product details

DESCRIPTION:
The IDT72V3622/72V3632/72V3642 are functionally compatible versions of the IDT723622/723632/723642, designed to run off a 3.3V supply for exceptionally low-power consumption. These devices are monolithic, highspeed, low-power, CMOS Bidirectional SyncFIFO (clocked) memories which support clock frequencies up to 100MHz and have read access times as fast as 6.5ns.

FEATURES:
• Memory storage capacity:
    IDT72V3622 – 256 x 36 x 2
    IDT72V3632 – 512 x 36 x 2
    IDT72V3642 – 1,024 x 36 x 2
• Supports clock frequencies up to 100 MHz
• Fast access times of 6.5ns
• Free-running CLKA and CLKB may be asynchronous or coincident (simultaneous reading and writing of data on a single clock edge is permitted)
• Two independent clocked FIFOs buffering data in opposite directions
• Mailbox bypass register for each FIFO
• Programmable Almost-Full and Almost-Empty flags
• Microprocessor Interface Control Logic
• FFA/IRA, EFA/ORA, AEA, and AFA flags synchronized by CLKA
• FFB/IRB, EFB/ORB, AEB, and AFB flags synchronized by CLKB
• Select IDT Standard timing (using EFA, EFB, FFA and FFB flags functions) or First Word Fall Through timing (using ORA, ORB, IRA and IRB flag functions)
• Available in 132-pin Plastic Quad Flatpack (PQFP) or space-saving 120-pin Thin Quad Flatpack (TQFP)
• Functionally compatible to the 5V operating IDT723622/723632/ 723642
• Industrial temperature range (–40οC to +85οC) is available




Similar Part No. - IDT72V3622

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
210Kb / 29P
3.3 VOLT CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
3.3 VOLT CMOS SyncBiFIFO
More results


Similar Description - IDT72V3622

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
logo
Renesas Technology Corp
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com