Electronic Components Datasheet Search |
|
PTFA220041M Datasheet (PDF) - Infineon Technologies AG |
PTFA220041M Datasheet (PDF) |
Download Datasheet |
Part # | PTFA220041M |
Download | PTFA220041M Click to download |
File Size | 331.6 Kbytes |
Page | 18 Pages |
Manufacturer | INFINEON [Infineon Technologies AG] |
Direct Link | http://www.infineon.com |
Logo | |
Description | High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz |
PTFA220041M Datasheet (HTML) - Infineon Technologies AG |
Similar Part No. - PTFA220041M |
|
Similar Description - PTFA220041M |
|
About Infineon Technologies AG |
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |