Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9072 Datasheet (PDF) - Zarlink Semiconductor Inc

MT9072 Datasheet PDF - Zarlink Semiconductor Inc
Part No. MT9072
Download  MT9072 Click to view

File Size   3738.59 Kbytes
Page   275 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description Octal T1/E1/J1 Framer

MT9072 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT9072 Datasheet PDF - Zarlink Semiconductor Inc

Part No. MT9072
Download  MT9072 Click to view

File Size   3738.59 Kbytes
Page   275 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description Octal T1/E1/J1 Framer

MT9072 Datasheet (HTML) - Zarlink Semiconductor Inc

Back Button MT9072 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT9072 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9072 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9072 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9072 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9072 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9072 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9072 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9072 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT9072 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button 

MT9072 Product details

Description
The MT9072 is a multi-port T1/E1/J1 framing device that integrates eight fully independent, feature rich framers. The device is software selectable between T1, E1 or J1 modes and meets the latest relevant recommendations and standards from Telcordia, ANSI, ETSI and ITU-T. An extensive suite of features make the MT9072 very flexible and suitable for a wide variety of applications around the globe.

Features
• Eight fully independent, T1/E1/J1 framers
• 3.3 V supply with 5 V tolerant inputs
• Selectable 2.048 Mbit/s or 8.192 Mbit/s serial buses for both data and signaling
• Framing Modes:
    - T1: D4, ESF, T1DM
    - E1: Basic Framing, CRC4 multiframing and Signaling Multiframing
• Supports Inverse Mux for ATM
• Timeslot assignable HDLC
• IEEE-1149.1 (JTAG) test port

Applications
• T1/E1/J1 add/drop multiplexers
• V5.1 and V5.2 access network interfaces
• CO and PBX equipment interfaces
• Primary rate IDSN nodes



Similar Part No. - MT9072

ManufacturerPart No.DatasheetDescription
Marktech Corporate
Marktech Corporate
MT907-PRSS MARKTECH-MT907-PRSS Datasheet
106Kb / 1P
   Visible Light Emitting Diode
Mitel Networks Corporation
Mitel Networks Corporat...
MT90710 MITEL-MT90710 Datasheet
113Kb / 12P
   High-Speed Isochronous Multiplexer
MT90710AP MITEL-MT90710AP Datasheet
113Kb / 12P
   High-Speed Isochronous Multiplexer
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
MT90732AP MITEL-MT90732AP Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
More results

Similar Description - MT9072

ManufacturerPart No.DatasheetDescription
Exar Corporation
Exar Corporation
XRT84L38 EXAR-XRT84L38_06 Datasheet
5Mb / 453P
   OCTAL T1/E1/J1 FRAMER
Integrated Device Technology
Integrated Device Techn...
IDT82V2108 IDT-IDT82V2108 Datasheet
1Mb / 272P
   T1 / E1 / J1 OCTAL FRAMER
Dallas Semiconductor
Dallas Semiconductor
DS26401 DALLAS-DS26401 Datasheet
1Mb / 309P
   Octal T1/E1/J1 Framer
Exar Corporation
Exar Corporation
XRT84L38 EXAR-XRT84L38 Datasheet
4Mb / 451P
   OCTAL T1/E1/J1 FRAMER
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_2 Datasheet
2Mb / 160P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_1 Datasheet
1Mb / 66P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VX38IB329-F EXAR-XRT86VX38IB329-F Datasheet
382Kb / 61P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PMC-Sierra, Inc
PMC-Sierra, Inc
PM4351 PMC-PM4351 Datasheet
85Kb / 2P
   Combined E1/T1/J1 Transceiver/Framer
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz