Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APAE915R2540ABDB1-T Datasheet (PDF) - Abracon Corporation

APAE915R2540ABDB1-T Datasheet PDF - Abracon Corporation
Part # APAE915R2540ABDB1-T
Download  APAE915R2540ABDB1-T Download

File Size   2440.54 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 915MHz; 25 x 25 x 4mm RFID(USA) Patch Antenna

APAE915R2540ABDB1-T Datasheet (PDF)

Go To PDF Page Download Datasheet
APAE915R2540ABDB1-T Datasheet PDF - Abracon Corporation

Part # APAE915R2540ABDB1-T
Download  APAE915R2540ABDB1-T Click to download

File Size   2440.54 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 915MHz; 25 x 25 x 4mm RFID(USA) Patch Antenna

APAE915R2540ABDB1-T Datasheet (HTML) - Abracon Corporation

APAE915R2540ABDB1-T Datasheet HTML 1Page - Abracon Corporation APAE915R2540ABDB1-T Datasheet HTML 2Page - Abracon Corporation APAE915R2540ABDB1-T Datasheet HTML 3Page - Abracon Corporation



Similar Part No. - APAE915R2540ABDB1-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAE1575R1240ABDD1-T ABRACON-APAE1575R1240ABDD1-T Datasheet
1Mb / 3P
   1575.42MHZ; 12 x 12 x 4mm GPS Patch Antenna
01.13.14
APAE1575R1340ABDD6-T ABRACON-APAE1575R1340ABDD6-T Datasheet
2Mb / 3P
   1575.42MHZ; 13 x 13 x 4mm GPS Patch Antenna
01.19.14
APAE1575R1540AZDB2F-T ABRACON-APAE1575R1540AZDB2F-T Datasheet
1Mb / 3P
   1575.42MHZ; 15x15x4mm GPS Patch Antenna
01.31.14
APAE1575R1820 ABRACON-APAE1575R1820 Datasheet
1Mb / 3P
   1575.42MHZ; 18.0 x 18.0 x 2.0mm GPS Patch Antenna
01.30.14
APAE1575R1820ABDC1-T ABRACON-APAE1575R1820ABDC1-T Datasheet
1Mb / 3P
   1575.42MHZ; 18.0 x 18.0 x 2.0mm GPS Patch Antenna
01.30.14
More results


Similar Description - APAE915R2540ABDB1-T

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
CGGP.25.4.E.02 TAOGLAS-CGGP.25.4.E.02_17 Datasheet
1Mb / 15P
   GPS/GLONASS/GALILEO Dual-Band Patch Antenna 25*25*4mm
CGGP254E02 TAOGLAS-CGGP254E02 Datasheet
1Mb / 15P
   GPS/GLONASS/GALILEO Dual-Band Patch Antenna 25-25-4mm
logo
Abracon Corporation
APAE1575R1240ABDD1-T ABRACON-APAE1575R1240ABDD1-T Datasheet
1Mb / 3P
   1575.42MHZ; 12 x 12 x 4mm GPS Patch Antenna
01.13.14
APAE1575R1340ABDD6-T ABRACON-APAE1575R1340ABDD6-T Datasheet
2Mb / 3P
   1575.42MHZ; 13 x 13 x 4mm GPS Patch Antenna
01.19.14
APAE1590R1340AKDB2-T ABRACON-APAE1590R1340AKDB2-T Datasheet
1Mb / 3P
   1575.42MHZ/1598~1606MHz, 13 x 13 x 4mm GPSGLONASS Patch Antenna
02.08.16
APAES923R3640C16-T ABRACON-APAES923R3640C16-T Datasheet
2Mb / 3P
   RFID Patch Antenna
06.20.14
APAES915R80C16-T ABRACON-APAES915R80C16-T Datasheet
2Mb / 3P
   RFID Patch Antenna
06.17.14
APAES923R4560C16-T ABRACON-APAES923R4560C16-T Datasheet
1Mb / 3P
   RFID Patch Antenna
06.20.14
APAES915R6460C16-T ABRACON-APAES915R6460C16-T Datasheet
2Mb / 3P
   RFID Patch Antenna
06.17.14
logo
Pulse A Technitrol Comp...
GPSMOD1315 PULSE-GPSMOD1315 Datasheet
750Kb / 10P
   Active GPS Antenna Modules 13mm x 13mm and 25 mm x 25 mm sizes
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com