Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTV847 Datasheet (PDF) - Lite-On Technology Corporation

LTV847 Datasheet PDF - Lite-On Technology Corporation
Part No. LTV847
Download  LTV847 Click to view

File Size   747.0 Kbytes
Page   5 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description HIgh Density Mounting Type Photocoupler

LTV847 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTV847 Datasheet PDF - Lite-On Technology Corporation

Part No. LTV847
Download  LTV847 Click to view

File Size   747.0 Kbytes
Page   5 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description HIgh Density Mounting Type Photocoupler

LTV847 Datasheet (HTML) - Lite-On Technology Corporation

LTV847 Datasheet HTML 1Page - Lite-On Technology Corporation LTV847 Datasheet HTML 2Page - Lite-On Technology Corporation LTV847 Datasheet HTML 3Page - Lite-On Technology Corporation LTV847 Datasheet HTML 4Page - Lite-On Technology Corporation LTV847 Datasheet HTML 5Page - Lite-On Technology Corporation

LTV847 Product details

High Density Mounting Type Photocoupler



Features

Current transfer ratio (CTR : MIN. 50% at IF=5mA, VCE=5V)

High input-output isolation voltage: (VISO : 5,000Vrms)

Compact dual-in-line package

  LTV-817 : 1-channel type

  LTV-827 : 2-channel type

  LTV-847 : 4-channel type

UL approved (No. E113898)

TUV approved (No. R9653630)

CSA approved (No. CA91533-1)

FIMKO approved (No. 202634)

NEMKO approved (No. P98101945)

DEMKO approved (No. 307857)

SEMKO approved (No. 9832157/01-03)

VDE approved (No. 094722)

Options available :

  -Leads with 0.4"(10.16mm)spacing (M Type)

  -Leads bends for surface mounting(S Type)

  -Tape and Reel of Type I for SMD(Add"-TA"Suffix)

  -Tape and Reel of Type II for SMD(Add"-TA1"Suffix)

  -VDE 0884 approvals (Add"-V"Suffix)



Applications

1. Computer terminals.

2. System appliances, measuring instruments.

3. Registers, copiers, automatic vending machines.

4. Electric home appliances such as fan heaters, etc.

5. Signal transmission between circuits of different potentials and impedances.



Similar Part No. - LTV847

ManufacturerPart No.DatasheetDescription
Shenzhen Tenand Technology Co., Ltd.
Shenzhen Tenand Technol...
LTV847-V TENAND-LTV847-V Datasheet
1Mb / 5P
   High Density Mounting Type Photocoupler
Lite-On Technology Corporation
Lite-On Technology Corp...
LTV847-V LITEON-LTV847-V Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
LTV847M-V LITEON-LTV847M-V Datasheet
445Kb / 15P
   Property of Lite-On Only
Shenzhen Tenand Technology Co., Ltd.
Shenzhen Tenand Technol...
LTV847M-V TENAND-LTV847M-V Datasheet
1Mb / 5P
   High Density Mounting Type Photocoupler
Lite-On Technology Corporation
Lite-On Technology Corp...
LTV847M-V LITEON-LTV847M-V Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
More results

Similar Description - LTV847

ManufacturerPart No.DatasheetDescription
SeCoS Halbleitertechnologie GmbH
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
   High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
   High Density Mounting Type Photocoupler
Lite-On Technology Corporation
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
Sharp Electrionic Components
Sharp Electrionic Compo...
PC817A SHARP-PC817A Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
Shenzhen Tenand Technology Co., Ltd.
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
   High Density Mounting Type Photocoupler
Lite-On Technology Corporation
Lite-On Technology Corp...
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
   High Density Mounting Type Photocoupler
Sharp Electrionic Components
Sharp Electrionic Compo...
PC818 SHARP-PC818 Datasheet
66Kb / 4P
   High Density Mounting Type Photocoupler
Shenzhen Tenand Technology Co., Ltd.
Shenzhen Tenand Technol...
LTV-819 TENAND-LTV-819 Datasheet
819Kb / 5P
   High Density Mounting Type Photocoupler
Sharp Electrionic Components
Sharp Electrionic Compo...
PC829 SHARP-PC829 Datasheet
79Kb / 4P
   High Density Mounting Type Photocoupler
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
   High Density Mounting Type Photocoupler
More results

Datasheet Page

1  2  3  4  5 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz