Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD5116 Datasheet (PDF) - Winbond

ISD5116 Datasheet PDF - Winbond
Part # ISD5116
Download  ISD5116 Download

File Size   735.34 Kbytes
Page   57 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability

ISD5116 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISD5116 Datasheet PDF - Winbond

Part # ISD5116
Download  ISD5116 Click to download

File Size   735.34 Kbytes
Page   57 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability

ISD5116 Datasheet (HTML) - Winbond

Back Button ISD5116 Datasheet HTML 1Page - Winbond ISD5116 Datasheet HTML 2Page - Winbond ISD5116 Datasheet HTML 3Page - Winbond ISD5116 Datasheet HTML 4Page - Winbond ISD5116 Datasheet HTML 5Page - Winbond ISD5116 Datasheet HTML 6Page - Winbond ISD5116 Datasheet HTML 7Page - Winbond ISD5116 Datasheet HTML 8Page - Winbond ISD5116 Datasheet HTML 9Page - Winbond ISD5116 Datasheet HTML 10Page - Winbond Next Button 

ISD5116 Product details

GENERAL DESCRIPTION

The ISD5100 ChipCorder Series provide high quality, fully integrated, single-chip Record/Playback solutions for 1- to 16-minute messaging applications that are ideal for use in cellular phones, automotive communications, GPS/navigation systems and other portable products. The ISD5100 Series products are an enhancement of the ISD5000 architecture, providing: 1) the I2C serial port -address, control and duration selection are accomplished through an I2C interface to minimize pin count (ONLY two control lines required); 2) the capability of storing digital data, in addition to analog data. This feature allows customers to store phone numbers, system configuration parameters and message address locations for message management capability; 3) Various internal circuit blocks can be individually powered-up or -down for power saving.



FEATURES

Fully-Integrated Solution

• Single-chip voice record/playback solution

• Dual storage of digital and analog data

• Durations

   8 to 16-minute (ISD5116)

   4 to 8-minute (ISD5108)

   2 to 4-minute (ISD5104)

   1 to 2-minute (ISD5102)



Low Power Consumption

• +2.7 to +3.3V (VCC) Supply Voltage

• Supports 2.0V and 3.0V interface logic

• Operating Current:

   ICC Play = 15 mA (typical)

   ICC Rec = 30 mA (typical)

   ICC Feedthrough = 12 mA (typical)

• Standby Current:

   ISB = 1µA (typical)

• Most stages can be individually powered down to minimize power consumption



Enhanced Voice Features

• One or two-way conversation record

• One or two-way message playback

• Voice memo record and playback

• Private call screening

• In-terminal answering machine

• Personalized outgoing message

• Private call announce while on call



Digital Memory Features

• Up to 4 Mb available (ISD5116)

• Up to 2 Mb available (ISD5108)

• Up to 1 Mb available (ISD5104)

• Up to 512Kb available (ISD5102)

• Storage of phone numbers, system configuration parameters and message address table in cellular application



Easy-to-use and Control

• No compression algorithm development required

• User-controllable sampling rates

• Programmable analog interface

• Standard & Fast mode I2C serial interface (100kHz – 400 kHz)

• Fully addressable for multiple messages



High Quality Solution

• High quality voice and music reproduction

• Winbond’s standard 100-year message retention (typical)

• 100K record cycles (typical) for analog data

• 10K record cycles (typical) for digital data



Options

• Available in die form, TSOP and SOIC and PDIP (ISD5116 Only)

• Temperature: Commercial – Packaged (0 to +70°C) & die (0 to +50°C); Industrial (-40 to +85°C)



 



Similar Part No. - ISD5116

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5116 NUVOTON-ISD5116 Datasheet
678Kb / 90P
   SINGLE-CHIP
ISD5116EY NUVOTON-ISD5116EY Datasheet
678Kb / 90P
   SINGLE-CHIP
ISD5116EYI NUVOTON-ISD5116EYI Datasheet
678Kb / 90P
   SINGLE-CHIP
ISD5116PY NUVOTON-ISD5116PY Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5116PY NUVOTON-ISD5116PY Datasheet
678Kb / 90P
   SINGLE-CHIP
More results


Similar Description - ISD5116

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5100 WINBOND-ISD5100 Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
   Voice Recording & Playback Device 16 Minute Duration
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com