Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13119 Datasheet (PDF) - Hitachi Semiconductor

HA13119 Datasheet PDF - Hitachi Semiconductor
Part # HA13119
Download  HA13119 Download

File Size   54.83 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual 5.5 W Audio Power Amplifier

HA13119 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA13119 Datasheet PDF - Hitachi Semiconductor

Part # HA13119
Download  HA13119 Click to download

File Size   54.83 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual 5.5 W Audio Power Amplifier

HA13119 Datasheet (HTML) - Hitachi Semiconductor

HA13119 Datasheet HTML 1Page - Hitachi Semiconductor HA13119 Datasheet HTML 2Page - Hitachi Semiconductor HA13119 Datasheet HTML 3Page - Hitachi Semiconductor HA13119 Datasheet HTML 4Page - Hitachi Semiconductor HA13119 Datasheet HTML 5Page - Hitachi Semiconductor HA13119 Datasheet HTML 6Page - Hitachi Semiconductor HA13119 Datasheet HTML 7Page - Hitachi Semiconductor HA13119 Datasheet HTML 8Page - Hitachi Semiconductor HA13119 Datasheet HTML 9Page - Hitachi Semiconductor

HA13119 Product details

Description
The HA13119 is power IC designed for car radio and car stereo amplifiers. At 13.2 V to 4 W load, this power IC provides output power of 5.5 W with 10 % distortion.
It is easy to design as this IC employs internal each protection circuit and the new small package.

Features
• Low distortion
    THD = 0.1% typ (Po = 0.5 W, f = 100 Hz to 10 kHz)
    THD = 1% typ (Po = 3 W, f = 70 Hz to 40 kHz)
• Internal each protection circuits
    - Surge protection circuit (more than 50 V)
    - Thermal shut-down circuit
    - Ground fault protection circuit
    - Power supply fault protection circuit
• Low external components count




Similar Part No. - HA13119

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA1311 ETC2-HA1311 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Hitachi Semiconductor
HA13116 HITACHI-HA13116 Datasheet
207Kb / 7P
   20 W BT; AUDIO POWER AMPLIFIER
HA13117 HITACHI-HA13117 Datasheet
170Kb / 6P
   14W BTL Audio Power Ampillfier
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
More results


Similar Description - HA13119

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7124 PANASONIC-AN7124 Datasheet
53Kb / 5P
   Dual 3.1 W Audio Power Amplifier
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7191NZ PANASONIC-AN7191NZ Datasheet
146Kb / 16P
   Dual 20 W BTL audio power amplifier
logo
Hitachi Semiconductor
HA1394 HITACHI-HA1394 Datasheet
448Kb / 6P
   DUAL 6 TO 8 W AUDIO POWER AMPLIFIER
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
   20 W AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
   5 W audio power amplifier
November 1982
logo
Texas Instruments
LM4995 TI-LM4995_15 Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
NXP Semiconductors
TDA1015T PHILIPS-TDA1015T Datasheet
75Kb / 10P
   0,5 W audio power amplifier
March 1986
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com