Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5384 Datasheet (PDF) - Asahi Kasei Microsystems

AK5384 Datasheet PDF - Asahi Kasei Microsystems
Part # AK5384
Download  AK5384 Download

File Size   238.99 Kbytes
Page   21 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 107 DB 24 BIT 96KHZ 4 CHANNEL ADC

AK5384 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK5384 Datasheet PDF - Asahi Kasei Microsystems

Part # AK5384
Download  AK5384 Click to download

File Size   238.99 Kbytes
Page   21 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 107 DB 24 BIT 96KHZ 4 CHANNEL ADC

AK5384 Datasheet (HTML) - Asahi Kasei Microsystems


AK5384 Product details

GENERAL DESCRIPTION

The AK5384 is a 4-channel A/D Converter with wide sampling rate of 8kHz ~ 96kHz and is suitable for Multi-channel audio system. The AK5384 achieves high accuracy and low cost by using Enhanced dual bit DS techniques. The AK5384 supports master mode and TDM format. Therefore, the AK5384 is suitable for multi-channel audio system.



FEATURES

□ 4-Channel DS ADC

□ Differential Inputs

□ Digital HPF for DC-Offset Cancel

□ S/(N+D): 100dB@5V for 48kHz

□ DR: 107dB@5V for 48kHz

□ S/N: 107dB@5V for 48kHz

□ Sampling Rate Ranging from 8kHz to 96kHz

□ Master Clock:

   256fs/384fs/512fs/768fs (~ 48kHz)

   256fs/384fs (~ 96kHz)

□ TTL Digital Input Level

□ Output format: 24bit MSB justified, I2S or TDM

□ Cascade TDM Interface

□ Master & Slave Mode

□ Overflow Flag

□ Power Supply: 4.75 to 5.25V

□ Power Supply for output buffer: 3.0 to 5.25V

□ Ta = -40 ~ 85°C

□ 28pin VSOP



 




Similar Part No. - AK5384

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5384 AKM-AK5384 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
More results


Similar Description - AK5384

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
logo
Wolfson Microelectronic...
WM8775 WOLFSON-WM8775_06 Datasheet
395Kb / 39P
   24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Asahi Kasei Microsystem...
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
   96kHz 24-Bit ?꾬걪 ADC
logo
Cirrus Logic
WM8775 CIRRUS-WM8775 Datasheet
350Kb / 39P
   24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Asahi Kasei Microsystem...
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
   Enhanced Dual Bit DS 96kHz 24-Bit ADC
logo
Wolfson Microelectronic...
WM8773 WOLFSON-WM8773 Datasheet
213Kb / 29P
   24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com