Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP32DR2 Datasheet (PDF) - ON Semiconductor

MC10EP32DR2 Datasheet PDF - ON Semiconductor
Part # MC10EP32DR2
Download  MC10EP32DR2 Download

File Size   85.41 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3V 5V ECL / 2 Divider

MC10EP32DR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10EP32DR2 Datasheet PDF - ON Semiconductor

Part # MC10EP32DR2
Download  MC10EP32DR2 Click to download

File Size   85.41 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3V 5V ECL / 2 Divider

MC10EP32DR2 Datasheet (HTML) - ON Semiconductor

MC10EP32DR2 Datasheet HTML 1Page - ON Semiconductor MC10EP32DR2 Datasheet HTML 2Page - ON Semiconductor MC10EP32DR2 Datasheet HTML 3Page - ON Semiconductor MC10EP32DR2 Datasheet HTML 4Page - ON Semiconductor MC10EP32DR2 Datasheet HTML 5Page - ON Semiconductor MC10EP32DR2 Datasheet HTML 6Page - ON Semiconductor MC10EP32DR2 Datasheet HTML 7Page - ON Semiconductor MC10EP32DR2 Datasheet HTML 8Page - ON Semiconductor MC10EP32DR2 Datasheet HTML 9Page - ON Semiconductor MC10EP32DR2 Datasheet HTML 10Page - ON Semiconductor

MC10EP32DR2 Product details

Description
The MC10/100EP32 is an integrated ÷2 divider with differential CLK inputs.
The VBB pin, an internally generated voltage supply, is available to this device only. For single-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB and VCC via a 0.01μF capacitor and limit current sourcing or sinking to 0.5 mA. When not used, VBB should be left open.
The reset pin is asynchronous and is asserted on the rising edge.
Upon power-up, the internal flip-flops will attain a random state; the reset allows for the synchronization of multiple EP32’s in a system.
The 100 Series contains temperature compensation.

Features
• 350 ps Typical Propagation Delay
• Maximum Frequency > 4 GHz Typical (Figure 3)
• PECL Mode Operating Range:
   ♦ VCC = 3.0 V to 5.5 V with VEE = 0 V
• NECL Mode Operating Range:
   ♦ VCC = 0 V with VEE = −3.0 V to −5.5 V
• Open Input Default State
• Safety Clamp on Inputs
• Q Output Will Default LOW with Inputs Open or at VEE
• These Devices are Pb-Free, Halogen Free and are RoHS Compliant




Similar Part No. - MC10EP32DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP32DR2 ONSEMI-MC10EP32DR2 Datasheet
89Kb / 8P
   첨2 Divider
December, 1999 ??Rev. 1
MC10EP32DR2 ONSEMI-MC10EP32DR2 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
MC10EP32DR2G ONSEMI-MC10EP32DR2G Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
MC10EP32DR2G ONSEMI-MC10EP32DR2G Datasheet
197Kb / 11P
   Divider
July, 2016 ??Rev. 12
More results


Similar Description - MC10EP32DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EP32 ONSEMI-MC10EP32_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
logo
Micrel Semiconductor
SY10EP32V MICREL-SY10EP32V Datasheet
132Kb / 9P
   5V/3.3V 첨 2 DIVIDER
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EL32V MICREL-SY10EL32V Datasheet
49Kb / 4P
   5V/3.3V 첨 2 DIVIDER
logo
ON Semiconductor
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com