Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6204A58ADL Datasheet (PDF) - Torex Semiconductor

XC6204A58ADL Datasheet PDF - Torex Semiconductor
Part # XC6204A58ADL
Download  XC6204A58ADL Download

File Size   1133.25 Kbytes
Page   28 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators

XC6204A58ADL Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6204A58ADL Datasheet PDF - Torex Semiconductor

Part # XC6204A58ADL
Download  XC6204A58ADL Click to download

File Size   1133.25 Kbytes
Page   28 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators

XC6204A58ADL Datasheet (HTML) - Torex Semiconductor

Back Button XC6204A58ADL Datasheet HTML 1Page - Torex Semiconductor XC6204A58ADL Datasheet HTML 2Page - Torex Semiconductor XC6204A58ADL Datasheet HTML 3Page - Torex Semiconductor XC6204A58ADL Datasheet HTML 4Page - Torex Semiconductor XC6204A58ADL Datasheet HTML 5Page - Torex Semiconductor XC6204A58ADL Datasheet HTML 6Page - Torex Semiconductor XC6204A58ADL Datasheet HTML 7Page - Torex Semiconductor XC6204A58ADL Datasheet HTML 8Page - Torex Semiconductor XC6204A58ADL Datasheet HTML 9Page - Torex Semiconductor XC6204A58ADL Datasheet HTML 10Page - Torex Semiconductor Next Button 

XC6204A58ADL Product details

◆ CMOS Low Power Consumption
◆ Dropout Voltage : 60mV @ 30mA, 200mV @ 100mA
◆ Maximum Output Current : 150mA
◆ HighlyAccurate : ± 2%
◆ Output Voltage Range : 1.8V ~6.0V
◆ Low ESR capacitor compatible

General Description
The XC6204 series are highly precise, low noise, positive voltage LDO regulators manufactured using CMOS processes. The series achieves high ripple rejection and low dropout and consists of a standard voltage source, an error correction, current limiter and a phase compensation circuit plus a driver transistor.

Features
   Maximum Output Current : 150mA
   Dropout Voltage : 200mV (IOUT = 100mA)
   Maximum Operating Voltage : 10V
   Output Voltage Range : 1.8V ~ 6.0V in 50mV increments
   Highly Accurate : ± 2%
   Low Power Consumption : TYP 75µA
   Standby Current : less than 0.1µA
   High Ripple Rejection : 70dB (10 kHz)
   Low Output Noise : 30µVrms
   Operating Temperature Range : -40°C ~ +85°C
   Low ESR Capacitor Compatible : Ceramic capacitor

Applications
● Mobile phones
● Cordless phones
● Cameras, video recorders
● Portable games
● Portable AV equipment
● Reference voltage
● Battery powered equipment




Similar Part No. - XC6204A58ADL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204A58ADL TOREX-XC6204A58ADL Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
More results


Similar Description - XC6204A58ADL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com