Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61SF6432 Datasheet (PDF) - Integrated Circuit Solution Inc

IS61SF6432 Datasheet PDF - Integrated Circuit Solution Inc
Part # IS61SF6432
Download  IS61SF6432 Download

File Size   480.7 Kbytes
Page   16 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM

IS61SF6432 Datasheet (PDF)

Go To PDF Page Download Datasheet
IS61SF6432 Datasheet PDF - Integrated Circuit Solution Inc

Part # IS61SF6432
Download  IS61SF6432 Click to download

File Size   480.7 Kbytes
Page   16 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM

IS61SF6432 Datasheet (HTML) - Integrated Circuit Solution Inc


IS61SF6432 Product details

DESCRIPTION
The ICSI IS61SF6432 is a high-speed, low-power synchronous static RAM designed to provide a burstable, high-performance, secondary cache for the Pentium™, 680X0™, and PowerPC™ microprocessors. It is organized as 65,536 words by 32 bits, fabricated with ICSIs advanced CMOS technology. The device integrates a 2-bit burst counter, high-speed SRAM core, and high-drive capability outputs into a single monolithic circuit. All synchronous inputs pass through registers controlled by a positive-edge-triggered single clock input.

FEATURES
• Fast access time: 9 ns, 10 ns
• Internal self-timed write cycle
• Individual Byte Write Control and Global Write
• Clock controlled, registered address, data and control
• Pentium™ or linear burst sequence control using MODE input
• Three chip enables for simple depth expansion and address pipelining
• Common data inputs and data outputs
• Power-down control by ZZ input
• JEDEC 100-Pin LQFP and PQFP package
• Single +3.3V power supply
• Two Clock enables and one Clock disable to eliminate multiple bank bus contention.
• Control pins mode upon power-up:
    – FT in pipeline mode – MODE in interleave burst mode
    – ZZ in normal operation mode
    These control pins can be connected to GNDQ or VCCQ to alter their power-up state
• Industrial temperature available




Similar Part No. - IS61SF6432

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-10B ISSI-IS61SF12832-10B Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-10TQ ISSI-IS61SF12832-10TQ Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-10TQI ISSI-IS61SF12832-10TQI Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61SF12832-12B ISSI-IS61SF12832-12B Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results


Similar Description - IS61SF6432

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
   64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Motorola, Inc
MCM69F618C MOTOROLA-MCM69F618C Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Motorola, Inc
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com