Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1200 Datasheet (PDF) - Analog Devices

ADUM1200 Datasheet PDF - Analog Devices
Part # ADUM1200
Download  ADUM1200 Download

File Size   704.25 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel Digital Isolators

ADUM1200 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM1200 Datasheet PDF - Analog Devices

Part # ADUM1200
Download  ADUM1200 Click to download

File Size   704.25 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel Digital Isolators

ADUM1200 Datasheet (HTML) - Analog Devices


ADUM1200 Product details

GENERAL DESCRIPTION

The ADuM120x are dual-channel digital isolators based on Analog Devices’ iCoupler®technology .Combining high speed CMOS and monolithic transformer technology,these isolation components provide outstanding performance characteristics superior to alternatives such as optocoupler devices.



FEATURES

Narrow body SOIC 8-leadpackage

Low power operation

5 V operation

1.1 mA perchannel maximum@ 0Mbps to 2 Mbps

3.7 mA perchannel maximum@ 10 Mbps

8.2 mA perchannel maximum@ 25 Mbps

3 V operation

0.8 mA perchannel maximum@ 0Mbps to 2 Mbps

2.2 mA perchannel maximum@ 10 Mbps

4.8 mA perchannel maximum@ 25 Mbps

Bidirectional communication

3 V/5 V level translation

High temperature operation: 105°C

High datarate: dc to 25 Mbps (NRZ)

Precise timing characteristics

3 ns maximum pulse-widthdistortion

3 ns maximum channel-to-channel matching

High common-mode transientimmunity:> 25 kV/µs

Safety and regulatory approvals

UL recognition

2500 V rms for 1 minuteper UL1577

CSA component acceptance notice #5A

VDE certificate of conformity

DIN EN60747-5-2 (VDE 0884 Part 2): 2003-01

DIN EN60950 (VDE 0805):2001-12; DIN EN60950: 2000

VIORM= 560 V peak




Similar Part No. - ADUM1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200ARZ AD-ADuM1200ARZ Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200ARZ AD-ADuM1200ARZ Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
More results


Similar Description - ADUM1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
   Micropower, Dual-Channel Digital Isolators
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com