Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPF-7001-BLK Datasheet (PDF) - Agilent(Hewlett-Packard)

ACPF-7001-BLK Datasheet PDF - Agilent(Hewlett-Packard)
Part # ACPF-7001-BLK
Download  ACPF-7001-BLK Download
File Size   644.89 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Rejection Tx Filter for US PCS Band

ACPF-7001-BLK Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPF-7001-BLK Datasheet PDF - Agilent(Hewlett-Packard)

Part # ACPF-7001-BLK
Download  ACPF-7001-BLK Click to download

File Size   644.89 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Rejection Tx Filter for US PCS Band

ACPF-7001-BLK Datasheet (HTML) - Agilent(Hewlett-Packard)


ACPF-7001-BLK Product details

Description
This product is a high rejection full band transmit filter designed for US PCS handsets. Its performance rivals splitband surface acoustic wave (SAW) transmit filters. Since the rejection is provided by a single filter, no switches are required, saving board space and external components, eliminating switch loss, and reducing programming complexity.

Features
• High rejection from a single filter with no switches required
• Passband: 1850 –1910 MHz 33 dB min Attenuation, 1930 – 1990 MHz 3.5 dB max Insertion Loss
• Space saving solution
    Small footprint: 3 x 3-mm solution
    Low profile package:
        1.0 mm high (typ)
        1.15 mm (max)

Applications
• US PCS band handsets
• Wireless data terminals




Similar Part No. - ACPF-7001-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7001 AVAGO-ACPF-7001 Datasheet
377Kb / 6P
High Rejection Tx Filter for US PCS Band
More results


Similar Description - ACPF-7001-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ACPF-7002 HP-ACPF-7002 Datasheet
316Kb / 8P
High Rejection Tx Filter for US PCS Band
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7001 AVAGO-ACPF-7001 Datasheet
377Kb / 6P
High Rejection Tx Filter for US PCS Band
ACPF-7003 AVAGO-ACPF-7003 Datasheet
579Kb / 8P
High Rx and Image Rejection Tx Filter for US PCS Band
logo
Infineon Technologies A...
NWT190 INFINEON-NWT190 Datasheet
139Kb / 7P
CDMA TX Full Band BAW-filter for US PCS
V2.2 26.Nov.2003
logo
OKI electronic componet...
MBF9402B OKI-MBF9402B Datasheet
37Kb / 5P
SAW Band Pass Filter for US-PCS
logo
Transko Electronics, In...
TA1880AM TRANSKO-TA1880AM Datasheet
403Kb / 4P
US-PCS, RF-Tx SAW Filter
Revision 0:
logo
Oscilent Corporation
802-RF1880.0M-A OSCILENT-802-RF1880.0M-A Datasheet
379Kb / 3P
US-PCS, RF-Tx SAW Filter
logo
TEMEX
TMXW348 TEMEX-TMXW348 Datasheet
306Kb / 5P
SAW Bandpass Filter - US PCS Tx - RF
logo
Agilent(Hewlett-Packard...
HPMD-7905 HP-HPMD-7905 Datasheet
113Kb / 8P
FBAR Duplexer for US PCS Band
HPMD-7904 HP-HPMD-7904 Datasheet
110Kb / 8P
FBAR Duplexer for US PCS Band
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com